Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9236 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS9236
Description  SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS9236 Datasheet(HTML) 1 Page - Cirrus Logic

  CS9236 Datasheet HTML 1Page - Cirrus Logic CS9236 Datasheet HTML 2Page - Cirrus Logic CS9236 Datasheet HTML 3Page - Cirrus Logic CS9236 Datasheet HTML 4Page - Cirrus Logic CS9236 Datasheet HTML 5Page - Cirrus Logic CS9236 Datasheet HTML 6Page - Cirrus Logic CS9236 Datasheet HTML 7Page - Cirrus Logic CS9236 Datasheet HTML 8Page - Cirrus Logic CS9236 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Preliminary Product Information
This document contains information for a new product. Crystal
Semiconductor reserves the right to modify this product without notice.
MAY ‘97
DS214PP11
1
Copyright
© Crystal Semiconductor Corporation 1997
(All Rights Reserved)
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS9236
Single-Chip Wavetable Music Synthesizer
Features
• Single low-cost device includes MIDI
controller, synthesis engine, effects
processing, RAM, and sample ROM
• General MIDI (GM) compliant
• 32-note polyphony at 44.1kHz rate
• Independent reverb and chorus levels
for each MIDI channel
• +3.3V supply, +5V tolerant inputs
• Fully static power-down capability
• Simple to design in - Serial MIDI in,
Stereo digital audio out
• Digital audio output directly Interfaces
with the CS4236B/37B/38B and
CS4333
General Description
The CS9236 is a complete General MIDI wavetable mu-
sic synthesizer on a single integrated circuit. The MIDI
interpreter, synthesis engine, effects processing, and all
RAM and ROM memories (including the wavetable sam-
ple ROM) are included on-chip. This all-digital device
receives a standard serial MIDI data stream, and outputs
a stereo 16-bit digital audio stream at 44.1kHz. The
CS9236 digital audio output is directly compatible with
the Crystal CS4236B/37B/38B multimedia CODECs,
and with the CS4333 DAC.
The CS9236 features a high quality General MIDI sam-
ple set including 128 melodic instruments and 47
percussion sounds. The synthesis engine is capable of
generating up to 32 simultaneous notes. Digital rever-
beration and chorusing effects are included on-chip.
The CS9236 is the ideal low-cost General MIDI synthe-
sizer solution for a number of applications, including
multimedia PCs, game machines, karaoke, and low-cost
musical instruments and MIDI sound modules.
ORDERING INFORMATION
CS9236-CL
0° to 70°C
28-pin PLCC
CS9236-CQ
0° to 70°C
44-pin TQFP
MIDI Interpreter
Synthesis Engine
Effects Processor
Clock Generation
& Control
Sample ROM
Effects RAM
SOUT
LRCLK
VDD2
____
PDN
____
RST
GND1
TEST
MCLK5I
MIDI_IN
VDD1
GND2
XTAL3I
XTALO


Similar Part No. - CS9236

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS9233 ETC-CS9233 Datasheet
115Kb / 1P
Integrated Wavetable Music Synthesizer
JAN .95
More results

Similar Description - CS9236

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
YMF721 LSI-YMF721 Datasheet
324Kb / 41P
FM Wavetable Synthesizer LSI
logo
Holtek Semiconductor In...
HT36A2 HOLTEK-HT36A2 Datasheet
215Kb / 24P
8-Bit Music Synthesizer MCU
June 19, 2003
HT36A3 HOLTEK-HT36A3 Datasheet
145Kb / 11P
8-Bit Music Synthesizer MCU
June 30, 2003
HT36A4 HOLTEK-HT36A4 Datasheet
247Kb / 22P
8-Bit Music Synthesizer MCU
July 2, 2003
HT36B0 HOLTEK-HT36B0 Datasheet
161Kb / 13P
8-Bit Music Synthesizer MCU
June 30, 2003
HT36B4 HOLTEK-HT36B4 Datasheet
276Kb / 38P
Music Synthesizer 8-Bit MCU
October 18, 2006
HT36A4 HOLTEK-HT36A4_07 Datasheet
301Kb / 38P
Music Synthesizer 8-Bit MCU
March 12, 2007
HT36M4 HOLTEK-HT36M4_07 Datasheet
240Kb / 24P
Music Synthesizer 8-Bit MCU
March 14, 2007
HT37Q70 HOLTEK-HT37Q70 Datasheet
678Kb / 82P
4-Channel Music Synthesizer MCU
logo
List of Unclassifed Man...
CS9233 ETC-CS9233 Datasheet
115Kb / 1P
Integrated Wavetable Music Synthesizer
JAN .95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com