Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9236 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS9236
Description  SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS9236 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS9236 Datasheet HTML 26Page - Cirrus Logic CS9236 Datasheet HTML 27Page - Cirrus Logic CS9236 Datasheet HTML 28Page - Cirrus Logic CS9236 Datasheet HTML 29Page - Cirrus Logic CS9236 Datasheet HTML 30Page - Cirrus Logic CS9236 Datasheet HTML 31Page - Cirrus Logic CS9236 Datasheet HTML 32Page - Cirrus Logic CS9236 Datasheet HTML 33Page - Cirrus Logic CS9236 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
CS9236
DS214PP11
31
MIDI_IN - Serial MIDI Data Input, PIN 20 (L), PIN 28 (Q).
Serial MIDI data input to the device. This data stream contains MIDI messages which are used
to control music synthesis and initiation/termination of the Test Tone.
SOUT - Serial Audio Data Output, PIN 11 (L), PIN 8 (Q).
Serial data output stream carrying the stereo digital audio output from the device. The digital
audio output sample rate is 44.1 ksample/s, stereo.
LRCLK - Serial Audio Data Left/Right Clock Output, PIN 10 (L), PIN 7 (Q).
This is the left/right word clock output associated with the serial data output, SOUT. The
LRCLK signal identifies word alignment of the SOUT data stream.
RST - Reset Input, PIN 24 (L), PIN 32 (Q).
This active-low input signal is used to initialize all of the devices internal states and registers to
a known default state. The RST signal will silence the digital audio output.
PDN - Power-Down Input, PIN 23 (L), PIN 31 (Q).
This active-low input signal is used to set the device to the low power consumption Power-
Down mode of operation. The Power-Down mode is fully static; all internal states and register
values are retained during Power-Down. Deassertion of the PDN signal returns the device to
normal operation.
TEST - Factory Test Input, PIN 19 (L), PIN 27 (Q).
Used for factory testing of device. This pin must be tied to digital ground during normal
operation.
MCLK5I - 5 Volt Master Clock Input, PIN 5 (L), PIN 2 (Q).
This is the master clock input for the device. The CS9236 internal timing is derived from one
of two possible sources; the part may be supplied a 16.9344 MHz Master Clock signal from an
external source, or the timing may be generated using the on-chip oscillator circuit in
conjunction with an external 16.9344 MHz quartz crystal. When a Master Clock signal is
provided to the CS9236 from an external device, the Master Clock signal should be connected
to the CS9236 MCLK5I input pin and the XTAL3I input pin is grounded. When the CS9236
internal timing is generated using the on-chip oscillator circuit, a 16.9344 MHz quartz crystal is
connected between the CS9236 XTAL3I input pin and the XTALO output pin, and the
MCLK5I input pin is grounded. In this case, the XTALO output may also be used as a 384X
master clock for the CS9236 digital audio output signal, SOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com