Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7809LP Datasheet(PDF) 4 Page - Maxwell Technologies

Part # 7809LP
Description  16-Bit Latchup Protected Analog to Digital Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7809LP Datasheet(HTML) 4 Page - Maxwell Technologies

  7809LP Datasheet HTML 1Page - Maxwell Technologies 7809LP Datasheet HTML 2Page - Maxwell Technologies 7809LP Datasheet HTML 3Page - Maxwell Technologies 7809LP Datasheet HTML 4Page - Maxwell Technologies 7809LP Datasheet HTML 5Page - Maxwell Technologies 7809LP Datasheet HTML 6Page - Maxwell Technologies 7809LP Datasheet HTML 7Page - Maxwell Technologies 7809LP Datasheet HTML 8Page - Maxwell Technologies 7809LP Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected Analog to Digital Converter
7809LP
01.11.05 Rev 7
Full Scale Error Drift (using ext. 2.5000 V
ref)--
±2
--
ppm/°C
Bipolar Zero Error 4
--
--
±10
mV
Bipolar Zero Error Drift
--
±2
--
ppm/°C
Unipolar Zero Error 4
-40 to 85°C
--
--
--
--
±3
±16
mV
mV
Unipolar Zero Error Drift
--
±2
--
ppm/°C
Recovery to Rated Accuracy after Power Down (1 uF Capacitor to
CAP)
--
1
--
ms
Power Supply Sensitivity (V
DIG = VANA = VD) 4.75 V > VD < 5.2 V
-40 to 85°C
--
--
--
--
±8
±32
LSB
LSB
1. LSB stands for Least Significant Bit. One LSB is equal to 305 µ V.
2. Not tested.
3. Typical rms noise at worst case transitions and temperatures.
4. Measured with various fixed resistors.
5. For bipolar input ranges, full scale error is the worst case of -Full Scale or +Full Scale untrimmed deviation from ideal first and
last scale code transitions, divided by the transition voltage (not divided by the full-scale range) and includes the effect of offset
error. For unipolar input ranges, full scale error is the deviation of the last code transition divided by the transition voltage. It
also includes the effect of offset error.
TABLE 4. DELTA LIMITS
PARAMETER
VARIATION
I
CC
+/- 10%
TABLE 5. 7809LP DIGITAL INPUTS
(SPECIFIED PERFORMANCE -40 TO +85°C)
PARAMETER
SUBGROUPS
MIN
TYP
MAX
UNIT
V
IL
V
IH
I
IL, IIH
1, 2, 3
-0.3
2.0
--
--
--
--
0.8
V
D + 0.3
±10
V
V
µA
TABLE 3. 7809LP DC ACCURACY SPECIFICATIONS
(SPECIFIED PERFORMANCE -40 TO +85°C)
PARAMETER
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com