Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7809LP Datasheet(PDF) 5 Page - Maxwell Technologies

Part # 7809LP
Description  16-Bit Latchup Protected Analog to Digital Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7809LP Datasheet(HTML) 5 Page - Maxwell Technologies

  7809LP Datasheet HTML 1Page - Maxwell Technologies 7809LP Datasheet HTML 2Page - Maxwell Technologies 7809LP Datasheet HTML 3Page - Maxwell Technologies 7809LP Datasheet HTML 4Page - Maxwell Technologies 7809LP Datasheet HTML 5Page - Maxwell Technologies 7809LP Datasheet HTML 6Page - Maxwell Technologies 7809LP Datasheet HTML 7Page - Maxwell Technologies 7809LP Datasheet HTML 8Page - Maxwell Technologies 7809LP Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected Analog to Digital Converter
7809LP
01.11.05 Rev 7
TABLE 6. 7809LP ANALOG INPUT AND THROUGHPUT SPEED
(SPECIFIED PERFORMANCE -40 TO +85°C)
PARAMETER
SUBGROUPS
MIN
TYP
MAX
UNIT
Voltage Ranges
10 V, 0 V to 5 V
See Table 2.
Impedance
Capacitance1
1. Guarenteed by design.
1, 2, 3
--
35
--
pF
Conversion Time
9, 10, 11
--
7.6
8
µ s
Complete Cycle (Acquire and Convert)
9, 10, 11
--
--
10
µ s
Throughput Rate 2
2. Tested by application of signal.
9, 10, 11
100
--
--
kHz
TABLE 7. 7809LP AC ACCURACY SPECIFICATIONS
(SPECIFIED PERFORMANCE -40 TO +85°C)
PARAMETER
SUBGROUPS
MIN
TYP
MAX
UNIT
Spurious-Free Dynamic Range, f
IN = 20 kHz
1
1. Guaranteed by design.
4, 5, 6
90
100
--
dB 2
2. All specifications in dB are referred to a full-scale ±10 V input.
Total Harmonic Distortion, f
IN = 20 kHz
1
4, 5, 6
--
-100
-90
dB
Signal-to-Noise (Noise + Distortion) 1
f
IN = 20 kHz
-60 dB Input
4, 5, 6
83
--
88
30
--
--
dB
Signal-to-Noise 1, f
IN = 20 kHz
83
88
--
dB
Full-Power Bandwidth 1,3
3. Full-Power Bandwidth defined as Full-Scale input frequency at which Signal-to-Noise (Noise + Distortion) degrades to 60 dB.
9, 10, 11
--
250
--
kHz
TABLE 8. 7809LP SAMPLING DYNAMICS
(SPECIFIED PERFORMANCE -40 TO +85°C)
PARAMETER
SUBGROUPS
MIN
TYP
MAX
UNIT
Aperture Delay
9, 10, 11
--
40
--
ns
Aperture Jitter
9, 10, 11
Sufficient to meet AC specification
Transient Response FS Step
9, 10, 11
--
2
--
us
Overvoltage Recovery 1
1. Recovers to specified performance after 2 X FS input overvoltage.
9, 10, 11
--
150
--
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com