Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7809LP Datasheet(PDF) 7 Page - Maxwell Technologies

Part # 7809LP
Description  16-Bit Latchup Protected Analog to Digital Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7809LP Datasheet(HTML) 7 Page - Maxwell Technologies

Back Button 7809LP Datasheet HTML 3Page - Maxwell Technologies 7809LP Datasheet HTML 4Page - Maxwell Technologies 7809LP Datasheet HTML 5Page - Maxwell Technologies 7809LP Datasheet HTML 6Page - Maxwell Technologies 7809LP Datasheet HTML 7Page - Maxwell Technologies 7809LP Datasheet HTML 8Page - Maxwell Technologies 7809LP Datasheet HTML 9Page - Maxwell Technologies 7809LP Datasheet HTML 10Page - Maxwell Technologies 7809LP Datasheet HTML 11Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
16-Bit Latchup Protected Analog to Digital Converter
7809LP
01.11.05 Rev 7
TABLE 12. 7809LP CONTROL LINE FUNCTIONS FOR READ AND CONVERT
SPECIFIC FUNCTION
CS
R/C
BUSY
EXT/INT
DATACL
K
PWRD
SB/BTC
OPERATION
Initiate Conver-
sion and Output
Data using Inter-
nal Clock
1 > 0
0
0
1 > 0
1
1
0
0
Output
Output
0
0
x
x
Initiates conversion “n”.
Data from conversion “n-
1” clocked out on DATA
synchronized to 16 clock
pulses output on DATA-
CLK
Initiates conversion “n”.
Data from conversion “n-
1” clocked out on DATA
synchronized to 16 clock
pulses output on DATA-
CLK
Initiate Conver-
sion and Output
Data using Exter-
nal Clock
1 > 0
0
1 > 0
1 > 0
0
0
1 > 0
1
1
0 > 1
1
1
1
0
0
1
1
1
1
1
Input
Input
Input
Input
Input
0
0
x
0
0
x
x
x
x
x
Initiates conversion “n”
Initiates conversion “n”
Outputs a pulse on SYNC
followed by data from con-
version “n” clocked out
synchronized to external
DATACLK.
Outputs a pules on SYNC
followed by data from con-
version “n-1” clocked out
synchronized to external
DATACLK 1. Conversion
“n” in process.
Outputs a pulse on SYNC
followed by data from con-
version “n-1” clocked out
synchronized to external
DATACLK 1. Conversion
“n” in process.
Incorrect Conver-
sions
00
0 > 1
x
x
0
x
CS or R/C must be HIGH
or a new conversion will
be initiated without time
for acquisition
Power Down
x
x
x
x
x
x
x
x
x
x
0
1
x
x
Analog circuitry powered.
Conversion will be initi-
ated without time for
acquisition
Analog circuitry disabled.
Data from previous con-
version maintained in out-
put registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com