Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD7100PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100PWPR
Description  Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCD7100PWPR Datasheet HTML 9Page - Texas Instruments UCD7100PWPR Datasheet HTML 10Page - Texas Instruments UCD7100PWPR Datasheet HTML 11Page - Texas Instruments UCD7100PWPR Datasheet HTML 12Page - Texas Instruments UCD7100PWPR Datasheet HTML 13Page - Texas Instruments UCD7100PWPR Datasheet HTML 14Page - Texas Instruments UCD7100PWPR Datasheet HTML 15Page - Texas Instruments UCD7100PWPR Datasheet HTML 16Page - Texas Instruments UCD7100PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
−50
50
125
−25
0
25
75
100
3.24
3.26
3.28
3.30
3.32
3.34
3.36
t − Temperature −
°C
−50
50
5.0
4.5
2.5
2.0
1.5
0.5
0.0
−25
0
25
75
100
4.0
1.0
3.5
3.0
UVLO on
UVLO on
UVLO on
t − Temperature −
°C
125
−50
50
125
−25
0
25
75
100
20.0
20.5
21.0
21.5
22.0
22.5
23.0
t − Temperature −
°C
VDD = 4.75 V
VDD = 12 V
−50
50
125
−25
0
25
75
100
0.0
0.5
1.0
1.5
2.0
2.5
TJ − Temperature − °C
Input Rising
Input Falling
UCD7100
SLUS651A – MARCH 2005 – REVISED MAY 2005
UVLO THRESHOLDS
3V3 REFERENCE VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 4.
Figure 5.
3V3 SHORT CIRCUIT CURRENT
INPUT THRESHOLDS
vs
vs
TEMPERATURE
TEMPERATURE
Figure 6.
Figure 7.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com