Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD7100PWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100PWPR
Description  Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100PWPR Datasheet(HTML) 3 Page - Texas Instruments

  UCD7100PWPR Datasheet HTML 1Page - Texas Instruments UCD7100PWPR Datasheet HTML 2Page - Texas Instruments UCD7100PWPR Datasheet HTML 3Page - Texas Instruments UCD7100PWPR Datasheet HTML 4Page - Texas Instruments UCD7100PWPR Datasheet HTML 5Page - Texas Instruments UCD7100PWPR Datasheet HTML 6Page - Texas Instruments UCD7100PWPR Datasheet HTML 7Page - Texas Instruments UCD7100PWPR Datasheet HTML 8Page - Texas Instruments UCD7100PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
RECOMMENDED OPERATING CONDITIONS
UCD7100
SLUS651A – MARCH 2005 – REVISED MAY 2005
SYMBOL
PARAMETER
UCD7100
UNIT
VDD
Supply Voltage
16
Quiescent
20
IDD
Supply Current
mA
Switching, TA = 25°C, TJ = 125°C, VDD = 12 V
200
Output Gate Drive Volt-
VOUT
OUT
-1 V to VDD
V
age
IOUT(sink)
4.0
Output Gate Drive Cur-
OUT
A
rent
IOUT(source)
-4.0
ISET, CS
-0.3 to 3.6
Analog Input
ILIM
-0.3 to 3.6
V
Digital I/O’s
IN, CLF
-0.3 to 3.6
Power Dissipation
TA = 25°C, TJ = 125°C, (PWP-14)
2.67
W
TJ
Junction Operating Temperature
-55 to 150
°C
Tstr
Storage Temperature
-65 to 150
HBM
Human body model
2000
ESD Rating
V
CDM
Change device model
500
TSOL
Lead Temperature (Soldering, 10 sec)
+300
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal.
PARAMETER
MIN
TYP
MAX
UNIT
Supply Voltage, VDD
4.25
12
14.5
V
Supply bypass capacitance
1
µF
Reference bypass capacitance
0.22
Operating junction temperature
-40
105
°C
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com