Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD7100PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100PWPR
Description  Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100PWPR Datasheet(HTML) 2 Page - Texas Instruments

  UCD7100PWPR Datasheet HTML 1Page - Texas Instruments UCD7100PWPR Datasheet HTML 2Page - Texas Instruments UCD7100PWPR Datasheet HTML 3Page - Texas Instruments UCD7100PWPR Datasheet HTML 4Page - Texas Instruments UCD7100PWPR Datasheet HTML 5Page - Texas Instruments UCD7100PWPR Datasheet HTML 6Page - Texas Instruments UCD7100PWPR Datasheet HTML 7Page - Texas Instruments UCD7100PWPR Datasheet HTML 8Page - Texas Instruments UCD7100PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
DESCRIPTION (CONT.)
CONNECTION DIAGRAMS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
PWP−14 PACKAGE
(TOP VIEW)
NC − No internal connection
VDD
IN
3V3
AGND
CLF
ILIM
NC
PVDD
PVDD
OUT
OUT
PGND
PGND
CS
VDD
NC
RGY−14 PACKAGE
(BOTTOM VIEW)
1
7
13
2
12
3
11
4
10
5
9
6
14
8
CS
PVDD
UCD7100
SLUS651A – MARCH 2005 – REVISED MAY 2005
The UCD7K driver family is compatible with standard 3.3 volt I/O ports of DSPs, Microcontrollers, or ASICs.
UCD7100 is offered in PowerPAD™ HTSSOP-14 or space-saving QFN-14 packages.
ORDERING INFORMATION
Packaged Devices(1)(2)(3)
Temperature Range
110-V HV Startup Circuit
PowerPAD™ HTSSOP-14
QFN-14 (RGY)
(PWP)
-40
°C to 105°C
No
UCD7100PWP
UCD7100RGYT
(1)
HTSSOP-14 (PWP) and QFN-14 (RGY) packages are available taped and reeled. Add R suffix to device type (e.g. UCD7100PWPR) to
order quantities of 2,000 devices per reel for the PWP package and 1,000 devices per reel for the RGY packages. Standard pack
quantity for the UCD7100RGYT is 250 devices.
(2)
These products are packaged in Pb-Free and Green lead finish of Pd-Ni-Au which is compatible with MSL level 1 at 255
°C to 260°C
peak reflow temperature to be compatible with either lead free or Sn/Pb soldering operations.
(3)
QFN packaging is not yet available.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com