Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WW25A Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW25A
Description  Ultra low ohm power chip resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW25A Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  WW25A Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Approval sheet
Page 4 of 7
ASC_WW25A_V02
MAY - 2016
MARKING
Each resistor is marked with a four-digit code on the protective coating to designate the nominal
resistance value.
R005 = 5 mΩ
Ω
Ω
Ω
R020 = 20mΩ
Ω
Ω
Ω
R020
R020 = 20mΩ
Ω
Ω
Ω
FUNCTIONAL DESCRIPTION
Derating curve
The power that the resistor can dissipate depends on the operating temperature; see Fig.2
MOUNTING
Due to their rectangular shapes and small tolerances, Surface Mountable Resistors are suitable for handling by
automatic placement systems.
Chip placement can be on ceramic substrates and printed-circuit boards (PCBs).
Electrical connection to the circuit is by individual soldering condition.
The end terminations guarantee a reliable contact.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com