Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WW25A Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW25A
Description  Ultra low ohm power chip resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW25A Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WW25A Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approval sheet
Page 3 of 7
ASC_WW25A_V02
MAY - 2016
QUICK REFERENCE DATA
Item
General Specification
Series No.
WW25A
Size code
2512 ( 6432 )
Resistance Tolerance
±5%, ±1%
Resistance Value
0.005
Ω, 0.006Ω, 0.007Ω,
0.008
Ω, 0.009Ω, 0.010Ω,
0.012
Ω, 0.014Ω, 0.015Ω,
0.016
Ω, 0.018Ω, 0.020Ω,
0.025
Ω, 0.030Ω, 0.033Ω,
0.035
Ω, 0.040Ω, 0.050Ω,
TCR (ppm/
°C) +25 ~ +155°C
≤ ±70 ppm/°C
≤ ±50 ppm/°C
Max. dissipation at Tamb=70
°C
3 W
Operation temperature
-55 ~ +170’C
Note :
1.
Resistance value will be changed by soldering condition and design of soldering pad, please design products in
consideration of this change of resistance value.
MECHANICAL DATA
Symbol
Dimensions (mm)
L
6.20
±0.20
W
3.25
±0.20
T
0.65
±0.20
Tt
0.80
±0.20
Tb
0.80
±0.20
R010



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com