Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WW25A Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW25A
Description  Ultra low ohm power chip resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW25A Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WW25A Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW25A Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Approval sheet
Page 2 of 7
ASC_WW25A_V02
MAY - 2016
FEATURE
1.
Ultra low and stable TCR performance
2.
High power rating and compact size
3.
High reliability and stability
4.
Reduced size of final equipment
5.
RoHS exemption free and Lead free.
6.
Inductance below 1nH
APPLICATION
Power supply
PDA
Digital meter
Computer
Automotives
Battery charger
DC-DC power converter
DESCRIPTION
The resistors are constructed in a high grade low resistive metal body. The resistive layer is covered with a
protective coat and printed a resistance marking code over it. Finally, the two external end terminations are
added. For ease of soldering the outer layer of these end terminations is a tin (lead-free) alloy.
Fig 1. Construction of Chip-R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com