Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508D Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BU508D
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU508D Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BU508D Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU508D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
BU508D
DESCRIPTION
·
High Voltage
·
High Switching Speed
·
Built-in damper diode
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for use in horizontal deflection circuits of
colour TV receivers.
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
1500
V
VCEO
Collector-Emitter Voltage
700
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
5
A
ICM
Collector Current-Peak
8
A
IB
Base Current-Continuous
2.5
A
PC
Collector Power Dissipation
@TC=25℃
125
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65-150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.0
℃
/W


Similar Part No. - BU508D

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU508D MOSPEC-BU508D Datasheet
162Kb / 4P
POWER TRANSISTORS(5A,1500V,125W)
logo
Wing Shing Computer Com...
BU508D WINGS-BU508D Datasheet
84Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
logo
Micro Electronics
BU508D MICRO-ELECTRONICS-BU508D Datasheet
96Kb / 8P
HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
logo
Savantic, Inc.
BU508D SAVANTIC-BU508D Datasheet
137Kb / 3P
Silicon NPN Power Transistors
BU508D SAVANTIC-BU508D Datasheet
139Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BU508D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com