Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWB022ATF09 Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWB022ATF09
Description  Any 2G/3G/4G Band For TRx System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWB022ATF09 Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWB022ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Approval Sheet
Page 4 of 8
ASC_RFASWB022ATF09_V01
Jul. 2018
Electrical Specifications at 25°C with VDD=2.8V, VC1=0/1.8V, Characteristic Impedance Z0=50Ω, Pin=0dBm
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
RF Specifications
Operating frequency
f
0.6
6.0
GHz
Insertion loss
(Port1/2 to Port3/4 )
IL
698 ~ 960 MHz
1425 ~ 2200 MHz
2300 ~ 2690 MHz
3400 ~ 3800 MHz
5000 ~ 6000 MHz
-
0.40
0.45
0.50
0.60
0.80
0.50
0.60
0.65
0.80
1.05
dB
dB
dB
dB
dB
Isolation
(Port1/2 to Port3/4 )
Iso
698 ~ 960 MHz
1425 ~ 2200 MHz
2300 ~ 2690 MHz
3400 ~ 3800 MHz
5000 ~ 6000 MHz
29
22
21
18
16
33
28
25
22
18
-
dB
dB
dB
dB
dB
On state match
(Port1/2)
VSWR
0.6 ~ 6.0 GHz
-
1.3
2.0
-
RFx Harmonics
2f0
PIN = +26 dBm, f = 900 MHz
-
-90
-
dBm
3f0
PIN = +26 dBm, f = 900 MHz
-
-81
-
dBm
2nd Order Input Intercept Point
IIP2
Fcw1=836.5 MHz, Pcw1= +26dBm
Fcw2=881.5 MHz, Pcw2= -20dBm
-
+132
-
dBm
DC Specification (Decoder)
Supply Voltage
VDD
2.4
2.8
4.8
V
Supply Current
IDD
VDD= 2.8V
-
57
80
μA
Control Voltage(High)
VCTL(H)
1.3
1.8
3.0
V
Control Voltage(Low)
VCTL(L)
0
-
0.45
V
Control Current
ICTL
VCTL= 1.8V
-
0.1
5
μA
Switching Specification
Switching speed
TSW
50% VCTL to 90/10% RF
-
2
-
μs
Note:All measurements made in a 50
Ω system with 0/+1.8V control voltages, unless otherwise specified.
Logic Table for Switch On-Path
VCTL
State
0
PORT3 to PORT1, PORT4 to PORT2
1
PORT3 to PORT2, PORT4 to PORT1
State 1=1.3V to 3.0V
;State 0= 0V to 0.45V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com