Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWB022ATF09 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWB022ATF09
Description  Any 2G/3G/4G Band For TRx System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWB022ATF09 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWB022ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Approval Sheet
Page 3 of 8
ASC_RFASWB022ATF09_V01
Jul. 2018
Application Circuit
1
2
3
4
5
6
7
8
9
10
GND
RF3
VDD
VCTL
C2
C1
GND
GND
RF1
GND
RF2
RF4
Parts List
Parts No.
Value
C1
2.2 nF
C2
100 pF
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Max Input Power
Pin
+36
dBm
DC Supply Voltage
VDD
+2.4
+4.8
V
DC Control Voltage
VCTL
0
+3.0
V
Operating temperature
TOP
-40
+85
°C
Storage temperature
TST
-55
+150
°C
HBM ESD Voltage, All Pins
VESD1
+2000
V
Exceeding absolute maximum ratings may cause permanent damage. Operation between operating range maximum and absolute
maximum for extended periods may reduce reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com