Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWB022ATF09 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWB022ATF09
Description  Any 2G/3G/4G Band For TRx System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWB022ATF09 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWB022ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWB022ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Approval Sheet
Page 2 of 8
ASC_RFASWB022ATF09_V01
Jul. 2018
FEATURES
Low Insertion Loss
:0.80dB typ. @ 6.0GHz
High Isolation
:18dB typ. @ 6.0GHz
Low control voltage
:1.3 to 3.0V :
Miniature footprint
:QFN package 1.1 x 1.5 x 0.59 mm3
Moisture Sensitive Level 3 (MSL3)
:
High ESD tolerance of 2kV HBM at all pins
:
Description
The RFASWB022ATF09 is a SOI (Silicon On Insulator) double pole double throw (DPDT) switch. Typical applications are for
multi-mode GSM ,EDGE ,UMTS ,and LTE handset.
The RFASWB022ATF09 is ideally suited for applications where high linearity, low insertion loss, and small size are required.
The RFASWB022ATF09 has ESD protection devices to achieve excellent ESD performances.
Application
Cellular Handset Applications
Cellular Modems and USB Devices
Multi-Mode GSM ,EDGE ,WCDMA ,and LTE Applications
Block Diagram and Pin Out (Top View)
Pin Names and Descriptions
Pin
Name
Description
Pin
Name
Description
1
GND
Ground
6
RF2
RF path 2
2
RF3
RF path 3
7
GND
Ground
3
GND
Ground
8
RF4
RF path 4
4
RF1
RF path 1
9
VCTL
DC control voltage
5
GND
Ground
10
VDD
DC power supply
1
2
3
4
5
6
7
8
9
10
Decoder
RF4
RF2
RF3
RF1
VDD
VCTL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com