Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWB438ATF09 Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWB438ATF09
Description  Any 2G/3G/4G Band for TRx System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWB438ATF09 Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWB438ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Preliminary Product Information
Page 4 of 8
ASC_RFASWB438ATF09_V01
Apr. 2017
Electrical Specifications at 25°C with VDD=2.85V, VC1=0/1.8V, Characteristic Impedance Z0=50Ω, Pin=0dBm
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
RF Specifications
Operating frequency
f
0.1
6.0
GHz
Insertion loss
(Ant1/2 to RX/TX)
IL
100 ~ 1000 MHz
1000 ~ 2500 MHz
2500 ~ 4900 MHz
4900 ~ 6000 MHz
-
0.50
0.65
1.00
1.20
0.75
0.90
1.30
1.40
dB
dB
dB
dB
Isolation
(Ant1/2 to RX/TX)
Iso
100 ~ 1000 MHz
1000 ~ 2500 MHz
2500 ~ 4900 MHz
4900 ~ 6000 MHz
28
20
15
13
31
24
21
16
-
dB
dB
dB
dB
Isolation
(Ant1 to Ant2, RX to TX)
Iso
2400 ~ 2500 MHz
4900 ~ 6000 MHz
19
14
23
19
-
dB
dB
On state match
VSWR
100 ~ 6000 MHz
-
1.43
1.67
-
RFx Harmonics
2f0
PIN = +20 dBm,
f = 100 ~ 6000MHz
-
92
-
dBm
3f0
PIN = +20 dBm,
f = 100 ~ 6000MHz
-
93
-
dBm
DC Specification (Decoder)
Control Voltage(High)
VC1(H)
1.8
2.85
3.3
V
Control Voltage(Low)
VC1(L)
-0.2
0
0.2
V
Control Current
IC1
5
120
210
μA
Switching Specification
Switching speed
TSW
50% VCTL to 90/10% RF
-
160
-
ns
Note:All measurements made in a 50
Ω system with 0/+1.8V control voltages, unless otherwise specified.
Logic Table for Switch On-Path
VC1
VC2
State
1
0
ANT1 to RX, ANT2 to TX
0
1
ANT1 to TX, ANT2 to RX
State 1=1.8V to 3.4V
;State 0= -0.2V to 0.2V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com