Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWB438ATF09 Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWB438ATF09
Description  Any 2G/3G/4G Band for TRx System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWB438ATF09 Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWB438ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary Product Information
Page 2 of 8
ASC_RFASWB438ATF09_V01
Apr. 2017
Decoder
RF4
RF2
RF3
RF1
VC1
VC2
FEATURES
Low Insertion Loss
:1.2dB typ. @ 6.0GHz
High Isolation
:16dB typ. @ 6.0GHz
Low control voltage
:1.8 to 3.4 V
High ESD tolerance of 1.5kV HBM at all pins
:
Miniature footprint
:LGA package,1.5 x 1.5 x 0.51 mm3
Description
The RFASWB438ATF09 is a SOI (Silicon On Insulator) double pole double throw (DPDT) switch with an integrated General
Purpose Input Output (GPIO) control. The RFASWB438ATF09 maintains low insertion and high isolation, which makes it an
ideal choice for Multi-Mode, GSM, EDGE, UMTS, and TLE handset applications.
The RFASWB438ATF09 is ideally suited for applications where high linearity, high isolation, low insertion loss, low current
consumption, and small size are required.
No blocking capacitor requirement on the RF paths ad long as no DC voltage is applied. The RFASWB438ATF09 is
manufactured in a compact, 1.5 x 1.5 x 0.51 mm3 package.
Application
Multi-mode 3G/4G, LTE TRx system.
Block Diagram and Pin Out (Top View)
Pin Names and Descriptions
Pin
Name
Description
Pin
Name
Description
1
ANT2
Antenna 2 RF port
4
TX
Transmit RF port
2
VC2
DC Control Voltage 2
5
VC1
DC Control Voltage 1
3
RX
Receive RF port
6
ANT1
Antenna 1 RF port
1
2
3
6
5
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com