Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFASWB438ATF09 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWB438ATF09
Description  Any 2G/3G/4G Band for TRx System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWB438ATF09 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWB438ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWB438ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Product Information
Page 3 of 8
ASC_RFASWB438ATF09_V01
Apr. 2017
Application Circuit
1
2
3
6
5
4
Ant 2
VC 2
RX
Ant 1
VC 1
TX
C1
C2
Note: No DC Blocking capacitors are required for all RF ports unless DC is biased externally
Parts List
Parts No.
Value
C1-C2
1000 pF
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Max Input Power
Pin
+36
dBm
DC Control Voltage
VC1,2
0
+3.4
V
Operating temperature
TOP
-40
+85
°C
Storage temperature
TST
-40
+125
°C
Exceeding absolute maximum ratings may cause permanent damage. Operation between operating range maximum and absolute
maximum for extended periods may reduce reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com