Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7940BRJ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7940BRJ-R2
Description  3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7940BRJ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD7940BRJ-R2 Datasheet HTML 1Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 2Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 3Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 4Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 5Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 6Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 7Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 8Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7940
Rev. 0 | Page 4 of 20
Parameter
B Version
1
Unit
Test Conditions/Comments
Power Dissipation4
VDD = 5.5 V
Normal Mode (Operational)
26.4
mW max
VDD = 5.5 V; fSAMPLE = 100 kSPS
6.84
mW max
VDD = 3.6 V; fSAMPLE = 100 kSPS
Full Power-Down
2.5
µW max
VDD = 5.5 V
1.08
µW max
VDD = 3.6 V
1 Temperature range for B Version is –40°C to +85°C.
2 See the
section.
Terminology
3 Sample tested at initial release to ensure compliance.
4 See the
section.
Power vs. Throughput Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com