Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7940BRJ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7940BRJ-R2
Description  3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7940BRJ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD7940BRJ-R2 Datasheet HTML 1Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 2Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 3Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 4Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 5Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 6Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 7Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 8Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD7940
Rev. 0 | Page 5 of 20
TIMING SPECIFICATIONS
Sample tested at initial release to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from
a voltage level of 1.6 V.
VDD = 2.50 V to 5.5 V; TA = TMIN to TMAX, unless otherwise noted.
Table 3.
Limit at TMIN, TMAX
Parameter
3 V
5 V
Unit
Description
fSCLK1
250
250
kHz min
2.5
2.5
MHz max
tCONVERT
16 × tSCLK
16 × tSCLK
min
tQUIET
50
50
ns min
Minimum quiet time required between bus relinquish and start of
next conversion
t1
10
10
ns min
Minimum CS pulse width
t2
10
10
ns min
CS to SCLK setup time
t32
48
35
ns max
Delay from CS until SDATA three-state disabled
t42
120
80
ns max
Data access time after SCLK falling edge
t5
0.4 tSCLK
0.4 tSCLK
ns min
SCLK low pulse width
t6
0.4 tSCLK
0.4 tSCLK
ns min
SCLK high pulse width
t7
10
10
ns min
SCLK to data valid hold time
t83
45
35
ns max
SCLK falling edge to SDATA high impedance
tPOWER-UP4
1
1
µs typ
Power up time from full power-down
1 Mark/space ratio for the SCLK input is 40/60 to 60/40.
2 Measured with the load circuit of
and defined as the time required for the output to cross 0.8 V or 2.0 V.
Figure 2
Figure 2.
3 t8 is derived form the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of
The measured number is then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t8, quoted in the timing characteristics is the true bus relinquish
time of the part and is independent of the bus loading.
4 See the
section.
Power vs. Throughput Rate
200
µAI
OL
200
µAI
OH
1.6V
TO OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Digital Output Timing Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com