Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7940BRJ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7940BRJ-R2
Description  3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7940BRJ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7940BRJ-R2 Datasheet HTML 3Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 4Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 5Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 6Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 7Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 8Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 9Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 10Page - Analog Devices AD7940BRJ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD7940
Rev. 0 | Page 7 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
CS
SDATA
SCLK
6
5
4
VDD 1
GND
2
VIN 3
AD7940
TOP VIEW
(Not to Scale)
SOT-23
Figure 3. SOT-23 Pin Configuration
NC = NO CONNECT
AD7490
MSOP
TOP VIEW
(Not to Scale)
VDD 1
GND
2
GND
3
VIN 4
CS
SDATA
NC
SCLK
8
7
6
5
Figure 4. MSOP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
SOT-23
Pin No.
MSOP
Mnemonic
Function
1
1
VDD
Power Supply Input. The VDD range for the AD7940 is from 2.5 V to 5.5 V.
2
2, 3
GND
Analog Ground. Ground reference point for all circuitry on the AD7940. All analog input signals should
be referred to this GND voltage.
3
4
VIN
Analog Input. Single-ended analog input channel. The input range is 0 V to VDD.
4
5
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from this part. This clock
input is also used as the clock source for the AD7940's conversion process.
5
7
SDATA
Data Out. Logic output. The conversion result from the AD7940 is provided on this output as a serial
data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream from the
AD7940 consists of two leading zeros followed by 14 bits of conversion data that are provided MSB
first. This will be followed by four trailing zeroes if CS is held low for a total of 24 SCLK cycles. See the
Serial Interface section.
6
8
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on
the AD7940 and framing the serial data transfer.
N/A
6
NC
No Connect. This pin should be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com