Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDIP2012091GET Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP2012091GET
Description  698~960 MHz & 1710~2690 MHz Band RF Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP2012091GET Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP2012091GET Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Approval sheet
Page 1 of 7
ASC_ RFDIP2012090GET_V01
Feb.2016
RFDIP Series
– 2012(0805)- RoHS Compliance
MULTILAYER CERAMIC DIPLEXER
Halogens Free Product
698~960 MHz & 1710~2690 MHz Band RF
Application
P/N: RFDIP2012090GET
*Contents in this sheet are subject to change without prior notice.


Similar Part No. - RFDIP2012091GET

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFDIP2012091G77N2T WALSIN-RFDIP2012091G77N2T Datasheet
608Kb / 7P
829 MHz & 2205 MHz Band RF Application
RFDIP2012091GAT WALSIN-RFDIP2012091GAT Datasheet
575Kb / 7P
829 MHz & 2.2 GHz Band RF Application
RFDIP2012091GM1T58 WALSIN-RFDIP2012091GM1T58 Datasheet
560Kb / 7P
829 MHz & 2.2 GHz Band RF Application
More results

Similar Description - RFDIP2012091GET

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
XCBC0822A CTS-XCBC0822A Datasheet
403Kb / 2P
380-960 vs 1710-2690 MHz Cross-Band Combiner
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608070G1T WALSIN-RFDIP1608070G1T Datasheet
679Kb / 7P
700~960 MHz /1710~2690 MHz Working Frequency
RFDIP1608070G3T WALSIN-RFDIP1608070G3T Datasheet
624Kb / 7P
698~960 MHz /1710~2700 MHz Band RF Application
RFDIP1608070G58Q1C WALSIN-RFDIP1608070G58Q1C Datasheet
581Kb / 8P
699~960 MHz / 1710~2690 MHz Working Frequency
RFDIP1608070GM1T76 WALSIN-RFDIP1608070GM1T76 Datasheet
635Kb / 7P
698~960 MHz /1710~2700 MHz Band RF Application
RFDIP1608070TPT WALSIN-RFDIP1608070TPT Datasheet
610Kb / 7P
For 1710 ~ 1880 MHz & 2500 ~ 2690 MHz Band RF Application
logo
TE Connectivity Ltd
2367286-1 TEC-2367286-1 Datasheet
774Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372105-1 TEC-2372105-1 Datasheet
526Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372112-1 TEC-2372112-1 Datasheet
535Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2361492-1 TEC-2361492-1 Datasheet
760Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com