Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDIP2012091GET Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP2012091GET
Description  698~960 MHz & 1710~2690 MHz Band RF Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP2012091GET Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP2012091GET Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Approval sheet
Page 2 of 7
ASC_ RFDIP2012090GET_V01
Feb.2016
FEATURES
1.
Miniature footprint: 2.0 X 1.2 X 0.9 mm
3.
2.
Low insertion loss
3.
LTCC process
APPLICATIONS
1.
698~960 and 1710~2690MHz working frequency for diplexer applications
2.
GSM, DCS, PCS, LTE related applications
CONSTRUCTION
Top view
DIMENSIONS
Figure
Symbol
Dimension (mm)
L
2.00 ± 0.15
W
1.25 ± 0.15
T
0.90 ± 0.10
A
0.20± 0.15
B
0.30 ± 0.15
C
0.35 ± 0.15
D
0.65 ± 0.1
E
0.25 ± 0.15
F
0.15 ± 0.10
G
0.40 ± 0.10
H
0.25 ± 0.10
I
0.47 ± 0.15
PIN
Connection
PIN
Connection
1
GND
4
High Band
2
Common
5
GND
3
GND
6
Low Band
P2
P6
P5
P3
P4
P1
Top view
Bottom view
Side view



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com