Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDIP2012091GET Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFDIP2012091GET
Description  698~960 MHz & 1710~2690 MHz Band RF Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFDIP2012091GET Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFDIP2012091GET Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFDIP2012091GET Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approval sheet
Page 3 of 7
ASC_ RFDIP2012090GET_V01
Feb.2016
ELECTRICAL CHARACTERISTICS
RFDIP2012090GET
Specification
Frequency range
698~960 MHz
1710~2690 MHz
Insertion Loss at+25℃
0.65 dB max.
0.6 dB max. @1710~1990 MHz
0.5 dB max. @1990~2200 MHz
0.5 dB max. @2300~2690 MHz
Insertion Loss at -40℃ ~ +85℃
0.75 dB max.
0.7 dB max. @1710~1990 MHz
0.6 dB max. @1990~2200 MHz
0.6 dB max. @2300~2690 MHz
Attenuation
10 dB min. @ 1559~1608 MHz
24 dB min. @ 1710~1990 MHz
24 dB min. @ 1990~2200 MHz
24 dB min. @ 2300~2690 MHz
24 dB min. @ 3420~3820 MHz
20 dB min. @ 699~915 MHz
10.5 dB min. @ 5150~5850 MHz
VSWR
1.4 max.
1.67 max.
Impedance
50 Ω
Operation Temperature Range
-40
oC ~ +85oC
Power Handling
2W max.
Moisture sensitivity levels
LEVEL 1 (Refer to : IPC/JEDEC J-STD-020)
Typical Electrical Chart
SOLDER LAND PATTERN
Figure
Unit: mm
Line width to de designed to match 50
Ω characteristic impedance, depending on PCB material and thickness.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com