Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M410613 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # M410613
Description  Rotary Knob Kit for the MagAlpha
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

M410613 Datasheet(HTML) 3 Page - Monolithic Power Systems

  M410613 Datasheet HTML 1Page - Monolithic Power Systems M410613 Datasheet HTML 2Page - Monolithic Power Systems M410613 Datasheet HTML 3Page - Monolithic Power Systems M410613 Datasheet HTML 4Page - Monolithic Power Systems M410613 Datasheet HTML 5Page - Monolithic Power Systems M410613 Datasheet HTML 6Page - Monolithic Power Systems M410613 Datasheet HTML 7Page - Monolithic Power Systems M410613 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EVKT-KNOB
– ROTARY KNOB KIT FOR THE MAGALPHA
EVKT-KNOB Rev. 1.0
MonolithicPower.com
3
4/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Figure 2: Board Overview Type 2
Schematic
Figure 3: Schematic Type 2
Bill of Materials
Table 2: Bill of Materials Type 2
Quantity
Designator
Description
Value
Manufacturer
Manufacturer PN
1
C1
Ceramic capacitor, 16V,
X7R, 0603
1µF
Murata
GRM188R71C105MA12D
1
C2 (not
populated)
Ceramic capacitor, 25V,
X7R, 0603
100nF
Murata
GRM188R71E104MA01D
1
U1
MagAlpha magnetic position
sensor
MAxxx
MPS
1
CN1
16 position receptacle
connector 0.100" (2.54mm)
surface-mount tin
Würth Elektronik
or
TE Connectivity
690367281676
or
8-2178711-6
1
2
3
4
5
6
7
8
9
10
11
12
13
15
16
14
17
VDD
CS
SCLK
MISO
MGH
MGL
100nF
MOSI
GND
TEST
N/C
PAD
IO1
IO2
IO3
IO4
IO5
+3.3V
IO6
1µF
Optional
PAD: N/C or
tied to GND
CS
SCLK
MISO
MOSI
MGH
MGL
TEST
IO1
IO2
IO3
IO4
IO5
IO6
U1
C1
C2
CN1
2
4
6
8
10
12
14
16
1
3
5
7
9
11
13
15
+3.3V
CS
TEST
MISO
IO6
IO5
IO4
IO2
IO3
IO1
MGH
MGL
MOSI
SCLK



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com