Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M410613 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # M410613
Description  Rotary Knob Kit for the MagAlpha
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

M410613 Datasheet(HTML) 6 Page - Monolithic Power Systems

  M410613 Datasheet HTML 1Page - Monolithic Power Systems M410613 Datasheet HTML 2Page - Monolithic Power Systems M410613 Datasheet HTML 3Page - Monolithic Power Systems M410613 Datasheet HTML 4Page - Monolithic Power Systems M410613 Datasheet HTML 5Page - Monolithic Power Systems M410613 Datasheet HTML 6Page - Monolithic Power Systems M410613 Datasheet HTML 7Page - Monolithic Power Systems M410613 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EVKT-KNOB
– ROTARY KNOB KIT FOR THE MAGALPHA
EVKT-KNOB Rev. 1.0
MonolithicPower.com
6
4/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
MAGNETIC FIELD
An NdFeB cylinder magnet is mounted at the end of the aluminum shaft.
Table 4: Magnet Characteristics
Material
NdFeB (N35 or N35H)
Remanence (Br)
1.2T
Diameter
5mm
Height
2.5mm
Magnetization
Diametrical
How to Change the Mechanical Zero
Unscrew the knob with a 1/16-inch hex key (Allen wrench). Hold the shaft with a pin inserted in the 2mm
diameter hole, and rotate the knob to the desired position. When tightening the screw, ensure that the
key is fully inserted. Note that the zero position can also be adjusted through programming, as described
in the MagAlpha datasheet.
Figure 7: Adjusting the Magnet Angular Position
How to Change the Magnetic Field Amplitude
The performance of the MagAlpha remains the same from 75mT to 150mT and higher (the MagAlpha
has no maximum operating field). The critical region is the lower end of the specified range. Some
parameters (e.g. noise, linearity) deteriorate gradually when the magnetic field becomes weak. The two
spacers enclosed in this evaluation kit allow the sensor (the noise level in particular) to be tested at low
magnetic fields.
Figure 8: Magnetic Field vs. Air Gap for the Supplied Magnet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com