Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M410613 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # M410613
Description  Rotary Knob Kit for the MagAlpha
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

M410613 Datasheet(HTML) 5 Page - Monolithic Power Systems

  M410613 Datasheet HTML 1Page - Monolithic Power Systems M410613 Datasheet HTML 2Page - Monolithic Power Systems M410613 Datasheet HTML 3Page - Monolithic Power Systems M410613 Datasheet HTML 4Page - Monolithic Power Systems M410613 Datasheet HTML 5Page - Monolithic Power Systems M410613 Datasheet HTML 6Page - Monolithic Power Systems M410613 Datasheet HTML 7Page - Monolithic Power Systems M410613 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EVKT-KNOB
– ROTARY KNOB KIT FOR THE MAGALPHA
EVKT-KNOB Rev. 1.0
MonolithicPower.com
5
4/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Connector Pin Out
Figure 6: Connector Pin Out Type 2
Table 3: Connector Pin Mapping Type 2
Pin
Name
Description
CN1.1
VDD
3.3V supply.
CN1.2
GND
Ground.
CN1.3
CS
Chip select (serial).
CN1.4
SCLK
Clock (serial).
CN1.5
TEST
Test pin.
CN1.6
MOSI
Master out slave in (serial).
CN1.7
MISO
Master in slave out (serial).
CN1.8
MGL (2)
Magnetic level low (option).
CN1.9
CN1.10
MGH (2)
Magnetic level high (option).
CN1.11
IO6 (3)
Pin 15 (IO).
CN1.12
IO1 (3)
Pin 1 (IO).
CN1.13
IO5 (3)
Pin 9 (IO).
CN1.14
IO4 (3)
Pin 6 (IO).
CN1.15
IO2 (3)
Pin 2 (IO).
CN1.16
IO3 (3)
Pin 3 (IO).
NOTES:
1)
The availability of this option depends of the chip part ID. Please refer to the part datasheet directly.
2)
Please refer to the chip datasheet directly to know which feature is available on this pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com