Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRF-ROC093XC-K Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HRF-ROC093XC-K
Description  Radio On A Chip 860-928 MHz Frequency Agile With SPI Bus Interface
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HRF-ROC093XC-K Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HRF-ROC093XC-K Datasheet HTML 1Page - List of Unclassifed Manufacturers HRF-ROC093XC-K Datasheet HTML 2Page - List of Unclassifed Manufacturers HRF-ROC093XC-K Datasheet HTML 3Page - List of Unclassifed Manufacturers HRF-ROC093XC-K Datasheet HTML 4Page - List of Unclassifed Manufacturers HRF-ROC093XC-K Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HRF-ROC093XC
Advance Information
Web Site:
www.mysoiservices.com
Honeywell
Email:
mysoiservices@honeywell.com
Solid State Electronics Center
12001 State Highway 55
2003 09325XC
Published June 2003
Page 2
Plymouth, Minnesota 55441-4799
1-800-323-8295
RF Electrical Specifications @ + 25oC
Parameter
Test Condition
Frequency
Minimum
Typical
Maximum
Units
Rx Sensitivity
860– 928 MHz
-95
dBm
1db Compression
Vdd = 2.5V
860– 928 MHz
+5
dBm
Tx Output Power
Vdd = 2.5V
860– 928 MHz
+3
dBm
Tx Power Control
18
dB
Data Rate, Tx / Rx
Continuous Data
128
Kbps
Channel Rejection
Adjacent Channels
Fc + 1MHz
50
dB
Max Detection BW
IQ Baseband FilterPassband
250
KHz
Control/Data I/O
Serial Peripheral Interface (SPI). Direct
Connection To Microcontroller/Microprocessor
10
MHz
DC Electrical Specifications @ + 25oC
Parameter
Minimum
Typical
Maximum
Units
VDD Power Supply Voltage
2.4
2.5
2.6
V
Power Supply Current During Tx, Output Power
Dependant (915 MHz)
16
26
mA
Power Supply Current (IDD) During Rx (915MHz)
35
mA
Sleep Mode Current Consumption
<1
uA
CMOS Logic Level (0)
0
0.7
V
CMOS Logic Level (1)
1.7
VDD
V
Absolute Maximum Ratings1
Parameter
Absolute Maximum
Units
Maximum Input Power
VDD
ESD Voltage (Human Body Model)
Operating Temperature
Storage Temperature
-
+ 2.8
200
- 40 to + 85
- 40 to + 150
-
V
V
Degrees C
Degrees C
(Note 1) Operation Of The HRF-ROC093XC Beyond Any Of These Parameters May Cause Permanent Damage.
ESD Protection: The HRF-ROC093XC Contains reduced ESD Protection Circuitry for sensitive RF I/O. Precautions Should Be
Taken During Handling/Assembly Until Protected By External Circuitry or Housings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com