Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRF-ROC093XC-K Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HRF-ROC093XC-K
Description  Radio On A Chip 860-928 MHz Frequency Agile With SPI Bus Interface
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HRF-ROC093XC-K Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HRF-ROC093XC-K Datasheet HTML 1Page - List of Unclassifed Manufacturers HRF-ROC093XC-K Datasheet HTML 2Page - List of Unclassifed Manufacturers HRF-ROC093XC-K Datasheet HTML 3Page - List of Unclassifed Manufacturers HRF-ROC093XC-K Datasheet HTML 4Page - List of Unclassifed Manufacturers HRF-ROC093XC-K Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HRF-ROC093XC
Advance Information
Web Site:
www.mysoiservices.com
Honeywell
Email:
mysoiservices@honeywell.com
Solid State Electronics Center
12001 State Highway 55
2003 09325XC
Published June 2003
Page 3
Plymouth, Minnesota 55441-4799
1-800-323-8295
Typical Application
Package Outline
Need 48 pin package dwg.
Low inductance RF/DC ground connection required below part as bottom ground pad is used for all device grounding.
Additionally, this connection prodvides a direct connection to the die for enhanced thermal dissipation. Package
shown not to scale.
7mm x 7mm
48 pin Leadless
Plastic Chip Carrier
TOP VIEW
HRF-ROC093XC
48
37
1
12
36
25
13
24
HRF ROC093XC
VDD
SPI
Analog Power
Digital Power



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com