Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRF-ROC093XC-K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HRF-ROC093XC-K
Description  Radio On A Chip 860-928 MHz Frequency Agile With SPI Bus Interface
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HRF-ROC093XC-K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HRF-ROC093XC-K Datasheet HTML 1Page - List of Unclassifed Manufacturers HRF-ROC093XC-K Datasheet HTML 2Page - List of Unclassifed Manufacturers HRF-ROC093XC-K Datasheet HTML 3Page - List of Unclassifed Manufacturers HRF-ROC093XC-K Datasheet HTML 4Page - List of Unclassifed Manufacturers HRF-ROC093XC-K Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HRF-ROC093XC
Advance Information
Web Site:
www.mysoiservices.com
Honeywell
Email:
mysoiservices@honeywell.com
Solid State Electronics Center
12001 State Highway 55
2003 09325XC
Published June 2003
Page 1
Plymouth, Minnesota 55441-4799
1-800-323-8295
Radio On A Chip
860-928 MHz
Frequency Agile
With SPI Bus Interface
Features
High Integration Minimizes System Cost
Data Rates from 4 to 128.8 Kbits/Sec
Direct Connection To Microprocessor
Integrated Antenna Switch
Adjustable detection bandwidths, data rates
Adjustable gain, detection level/ hysterisis
Low and high beta FSK detection modes
Integrated Manchester coding/decoding
6 Prog. Power Levels, Freq. And Tx/Rx/Standby Modes
Operates From Single 2.5V Power Supply
Surface Mount Leadless Plastic Packaging
Description
The
Honeywell
HRF-ROC093XC
is
a
half-duplex
transceiver for use in wireless communication and data
applications. Direct microprocessor connection for control
and data transfer, eliminate the need for additional ICs,
while integrated data encode/decode reduces the
instruction set requirements on the microprocessor. The
HRF-ROC093XC is ideally suited for use in battery
powered
wireless applications in conjunction
with
microprocessors for voice and data communication.
Adjustable data rates, filter bandwidths and detection
levels allow the IC to be used in a wide variety of high
sensitivity / high EMI environments.
Functional Schematic
PLL
Demod
XTAL
Poly
Phase
PA
LNA
Digital
(SPI Interface, Encoder/Decoder, FIFO, Correlator)
CP
Low Pass Filter
Limiter/
RSSI
T/R
SW
Product Photo
HRF-ROC093XC Wireless Transceiver


Similar Part No. - HRF-ROC093XC-K

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HRF-ROC09325 HONEYWELL-HRF-ROC09325 Datasheet
370Kb / 4P
Radio On A Chip 300 - 928 MHz FSK Transceiver Frequency Agile With SPI Bus Interface
HRF-ROC09325-B HONEYWELL-HRF-ROC09325-B Datasheet
370Kb / 4P
Radio On A Chip 300 - 928 MHz FSK Transceiver Frequency Agile With SPI Bus Interface
HRF-ROC09325-E HONEYWELL-HRF-ROC09325-E Datasheet
370Kb / 4P
Radio On A Chip 300 - 928 MHz FSK Transceiver Frequency Agile With SPI Bus Interface
HRF-ROC09325-T HONEYWELL-HRF-ROC09325-T Datasheet
370Kb / 4P
Radio On A Chip 300 - 928 MHz FSK Transceiver Frequency Agile With SPI Bus Interface
More results

Similar Description - HRF-ROC093XC-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA25C020 ETC-SA25C020 Datasheet
504Kb / 31P
2Mb EEPROM with 25MHz SPI Bus Interface
logo
NXP Semiconductors
SC18IS600 PHILIPS-SC18IS600 Datasheet
153Kb / 28P
SPI to IC-bus interface
Rev. 03-13 December 2006
logo
AMI SEMICONDUCTOR
AMIS-53000 AMI-AMIS-53000 Datasheet
3Mb / 99P
Frequency Agile Transceiver
AMIS-53050 AMI-AMIS-53050 Datasheet
3Mb / 107P
Frequency Agile Transceiver
logo
NEC
UPC2799 NEC-UPC2799 Datasheet
41Kb / 2P
SIMMIC 50-860 MHz FREQUENCY UPCONVERTER
logo
Honeywell Solid State E...
HRF-ROC09325 HONEYWELL-HRF-ROC09325 Datasheet
370Kb / 4P
Radio On A Chip 300 - 928 MHz FSK Transceiver Frequency Agile With SPI Bus Interface
logo
NXP Semiconductors
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
SPI to I2C-bus interface
Rev. 05-28 July 2008
logo
Micron Technology
N25Q032A13ESE40F MICRON-N25Q032A13ESE40F Datasheet
884Kb / 82P
SPI-compatible serial bus interface
logo
Microchip Technology
MCP4802 MICROCHIP-MCP4802_15 Datasheet
1Mb / 50P
SPI Interface with 20 MHz Clock Support
01/27/15
logo
STMicroelectronics
M950X0-W STMICROELECTRONICS-M950X0-W Datasheet
823Kb / 46P
Compatible with SPI bus serial interface
August 2014 Rev 13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com