Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6919E Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6919E
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6919E Datasheet HTML 8Page - STMicroelectronics L6919E Datasheet HTML 9Page - STMicroelectronics L6919E Datasheet HTML 10Page - STMicroelectronics L6919E Datasheet HTML 11Page - STMicroelectronics L6919E Datasheet HTML 12Page - STMicroelectronics L6919E Datasheet HTML 13Page - STMicroelectronics L6919E Datasheet HTML 14Page - STMicroelectronics L6919E Datasheet HTML 15Page - STMicroelectronics L6919E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
L6919E
12/33
1. TON Limited Output Voltage.
This happens when the maximum ON time is reached before the current in each phase reaches IOCPx (IINFOx
< 35
µA).
Figure 5a shows the maximum output voltage that the device is able to regulate considering the TON limitation
imposed by the previous relationship. If the desired output characteristic crosses the TON limited maximum output
voltage, the output resulting voltage will start to drop after crossing. In this case, the device doesn't perform con-
stant current limitation but only limits the maximum ON time following the previous relationship. The output volt-
age follows the resulting characteristic (dotted in Figure 5b) until UVP is detected or anyway until IFB = 70µA.
Figure 5. TON Limited Operation
2. Constant Current Operation
This happens when ON time limitation is reached after the current in each phase reaches IOCPx (IINFOx>35µA).
The device enters in Quasi-Constant-Current operation: the low-side mosfets stays ON until the current read
becomes lower than IOCPx (IINFOx < 35µA) skipping clock cycles. The high side mosfets can be turned ON with
a TON imposed by the control loop at the next available clock cycle and the device works in the usual way until
another OCP event is detected.
This means that the average current delivered can slightly increase also in Over Current condition since the cur-
rent ripple increases. In fact, the ON time increases due to the OFF time rise because of the current has to reach
the IOCPx bottom. The worst-case condition is when the ON time reaches its maximum value.
When this happens, the device works in Constant Current and the output voltage decrease as the load increase.
Crossing the UVP threshold causes the device to latch (FAULT pin is driven high).
Figure 6 shows this working condition
It can be observed that the peak current (Ipeak) is greater than the IOCPx but it can be determined as follow:
Where VoutMIN is the minimum output voltage (VID-30% as follow).
The device works in Constant-Current, and the output voltage decreases as the load increase, until the output
voltage reaches the Under-Voltage threshold (VoutMIN). When this threshold is crossed, all mosfets are turned
off, the FAULT pin is driven high and the device stops working. Cycle the power supply to restart operation. The
maximum average current during the Constant-Current behavior results:
a) Maximum output Voltage
b) TON Limited Output Voltage
0.80·VIN
0.40·VIN
VOUT
I
OUT
IOCP=2·IOCPx
(I
FB=70µA)
TON Limited Output
characteristic
0.80·VIN
0.40·VIN
VOUT
IOUT
IOCP=2·IOCPx
(IFB=70µA)
Desired Output
characteristic and
UVP threshold
Resulting Output
characteristic
Ipea k
I
OCPx
V
IN
Vo ut
MIN
–
L
--------------------------------------- Ton
MAX
⋅
+
I
OCPx
V
IN
Vo ut
MIN
–
L
--------------------------------------- 0.40 T
⋅⋅
+
==
I
M AX,TOT
2I
MA X
2I
OCPx
Ipe ak
I
OC P x
–
2
--------------------------------------
+


⋅
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com