Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6919E Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6919E
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919E Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6919E Datasheet HTML 25Page - STMicroelectronics L6919E Datasheet HTML 26Page - STMicroelectronics L6919E Datasheet HTML 27Page - STMicroelectronics L6919E Datasheet HTML 28Page - STMicroelectronics L6919E Datasheet HTML 29Page - STMicroelectronics L6919E Datasheet HTML 30Page - STMicroelectronics L6919E Datasheet HTML 31Page - STMicroelectronics L6919E Datasheet HTML 32Page - STMicroelectronics L6919E Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
29/33
L6919E
Figure 25 shows the mosfets temperature versus output current in steady state condition without any air-flow
or heat sink. It can be observed that the mosfets are under 100ºC in any conditions. Load regulation is also re-
ported from 10A to 45A.
Figure 25. Mosfet Temperature and Load Regulation
DYNAMIC PERFORMANCES
Figure 26 shows the system response to a load transient from 3A to 45A. The output voltage is contained in the
±50mV range. Additional output capacitors can help in reducing the initial voltage spike mainly due to the ESR.
Figure 26. 3A to 45A Load Transient Response
Figure 27 shows the system response to a VID transient from 1.200V to 0.800V and vice versa at minimum load (3A).
Figure 27. Dynamic VID Response
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
Output Current [A]
High-side MOS Q2
High-side MOS Q4
Low -side MOS Q1
Low -side MOS Q3
1.170
1.180
1.190
1.200
1.210
1.220
1.230
1.240
1.250
0
5
10
15
20
25
30
35
40
45
Output Current [A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com