Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6919E Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6919E
Description  5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6919E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6919E Datasheet HTML 12Page - STMicroelectronics L6919E Datasheet HTML 13Page - STMicroelectronics L6919E Datasheet HTML 14Page - STMicroelectronics L6919E Datasheet HTML 15Page - STMicroelectronics L6919E Datasheet HTML 16Page - STMicroelectronics L6919E Datasheet HTML 17Page - STMicroelectronics L6919E Datasheet HTML 18Page - STMicroelectronics L6919E Datasheet HTML 19Page - STMicroelectronics L6919E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
L6919E
16/33
Figure 10. Soft Start
INPUT CAPACITOR
The input capacitor is designed considering mainly the input RMS current that depends on the duty cycle as
reported in figure 11. Considering the dual-phase topology, the input RMS current is highly reduced comparing
with a single phase operation.
Figure 11. Input RMS Current vs. Duty Cycle (D) and Driving Relationships
It can be observed that the input rms value is one half of the single-phase equivalent input current in the worst
case condition that happens for D = 0.25 and D = 0.75.
The power dissipated by the input capacitance is then equal to:
Input capacitor is designed in order to sustain the ripple relative to the maximum load duty cycle. To reach the
high RMS value needed by the CPU power supply application and also to minimize components cost, the input
capacitance is realized by more than one physical capacitor. The equivalent RMS current is simply the sum of
the single capacitor's RMS current.
Input bulk capacitor must be equally divided between high-side drain mosfets and placed as close as possible
Timing Diagram
Acquisition:
(CH1=LGATEx; CH2=VCC; CH3=VOUT;
VCC=VCCDR
VLGATEx
PGOOD
VOUT
t
t
t
t
Turn ON threshold
2048 Clock Cycles
0.50
0.75
0.25
0.50
0.25
Single Phase
Dual Phase
Duty Cycle (VOUT/VIN)
>
−
⋅
⋅
<
−
⋅
⋅
=
0.5
D
if
D)
2
(2
1)
-
(2D
2
OUT
I
5
.
0
D
if
D)
2
(1
2D
2
OUT
I
rms
I
P
RM S
ESR
I
RM S
()
2
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com