Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q45VR2LPQ Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # Q45VR2LPQ
Description  Q45VR2 Series Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VR2LPQ Datasheet(HTML) 7 Page - Banner Engineering Corp.

Back Button Q45VR2LPQ Datasheet HTML 3Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 4Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 5Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 6Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 7Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 8Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 9Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 10Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 11Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Specifications
Supply Voltage and Current
90 to 250 V ac (50/60 Hz)
Average current 20 mA
Peak current 500 mA at 120 V ac, 750 mA at 250 V ac
Supply Protection Circuitry
Protected against transient voltages
Output Configuration
SPDT (Single-Pole Double-Throw) electromechanical relay output. All models
except emitters.
Output Rating
Max. switching power (resistive load): 150 W, 600 VA
Max. switching voltage (resistive load): 250 V ac, 30 V dc
Max. switching current (resistive load): 5 A at 250 V ac
Min. voltage and current: 5 V dc, 0.1 mA
Mechanical life of relay: 10,000,000 operations
Electrical life of relay at full resistive load: 100,000 operations
Output Protection Circuitry
Protected against false pulse on power-up
Output Response Time
15 milliseconds ON and OFF
Note: 100 millisecond delay on power-up. Output
is de-energized during this time
Required Overcurrent Protection
WARNING: Electrical connections must be made
by qualified personnel in accordance with local
and national electrical codes and regulations.
Overcurrent protection is required to be provided by end product application
per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Repeatability
Opposed mode: 0.25 milliseconds
All other sensing modes: 0.5 milliseconds
Response time and repeatability specifications are independent of signal
strength.
Adjustments
Light/Dark Operate select switch and multi-turn Sensitivity control (allows
precise sensitivity setting – turn clockwise to increase gain).
Optional logic and logic/display modules have adjustable timing functions.
Indicators
Indicator LEDs are clearly visible beneath a raised transparent Lexan® dome on
top of the sensor
Power (green) LED lights when 90 to 250 V ac power is applied
Signal (red) AID™ System LED lights when the sensor sees its modulated light
source and pulses at a rate proportional to the strength of the received light
signal
Load (amber) LED lights whenever the output relay is energized
Optional 7-element LED signal strength display modules
Construction
Molded reinforced thermoplastic polyester housing, o-ring-sealed transparent
polycarbonate cover, molded acrylic lenses, and stainless steel hardware. Q45s
are designed to withstand 1200 psi washdown.
The base of cabled models has a 1/2-inch NPS integral internal conduit thread.
Connections
PVC-jacketed 2-wire (emitters) or 5-wire (all others) 2 m (6.5 ft) or 9 m (30 ft)
unterminated cables, or 3-pin (emitters) or 5-pin (all others) Mini-style quick-
disconnect (QD) fittings are available (“Q” - suffix models).
QD cables are ordered separately.
Application Notes
Transient suppression is recommended for contacts switching inductive loads.
Optional output timing modules are available.
Environmental Rating
NEMA 6P, IEC IP67
Operating Conditions
Temperature: −40 °C to +70 °C (−40 °F to +158 °F)
Maximum relative humidity: 90% at 50 °C (non-condensing)
Certifications
Q45VR2 Series Sensors
P/N 36339 Rev. H
www.bannerengineering.com - Tel: +1-763-544-3164
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com