Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q45VR2LPQ Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # Q45VR2LPQ
Description  Q45VR2 Series Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VR2LPQ Datasheet(HTML) 1 Page - Banner Engineering Corp.

  Q45VR2LPQ Datasheet HTML 1Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 2Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 3Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 4Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 5Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 6Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 7Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 8Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
• Advanced one-piece photoelectric sensors with outstanding optical performance and
extremely rugged design
• Operate from 90 to 250 V ac (50/60 Hz)
• SPDT electromechanical relay output for economical, high-capacity switching and
immunity to electrical noise
• Multiple sensing modes include: opposed, diffuse, retroreflective, and convergent, plus
glass and plastic fiber optic models
• Switchable light/dark operate
• Versatile plug-in modules available for output timing logic and/or signal strength display
• Highly visible Power, Signal (AID™ System 1), and Output indicator LEDs
• Choice of prewired 2 m (6.5 ft) or 9 m (30 ft) unterminated cable or Mini-style quick-
disconnect fitting
• Versatile mounting options
• Designed to withstand 1200 psi washdown; exceeds its NEMA 6P and IEC IP67 rating
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or
death. This device does not include the self-checking redundant circuitry necessary to allow its use in personnel
safety applications. A sensor failure or malfunction can cause either an energized or de-energized sensor output
condition.
Opposed-Mode Emitter (E) and Receiver (R) Models
Because of their extremely high excess gain, these opposed-mode sensors are an excellent option for sensing
in contaminated or dirty areas, and are also the best choice for long-range sensing.
Range: 60 m (200 ft)
Output Type: SPDT Electro-mechanical relay
Effective Beam: 13 mm
OPPOSED
Infrared, 880 nm
Models
Cable
Excess Gain
Beam Pattern
Q452E Emitter
2-wire 2 m (6.5 ft) cable
1
10
100
1.0 m
3.3 ft
10 m
33 ft
100 m
330 ft
0.1 m
0.33 ft
E
X
C
E
S
S
G
A
I
N
DISTANCE
1000
Q45E/R
Opposed Mode
48 m
160 ft
60 m
200 ft
36 m
120 ft
24 m
80 ft
12 m
40 ft
0
0
0.5 m
1.0 m
1.5 m
0.5 m
1.0 m
1.5 m
0
20 in
40 in
60 in
20 in
40 in
60 in
DISTANCE
Q45E/R
Opposed Mode
Q45VR2R Receiver
5-wire 2 m (6.5 ft) cable
Q452EQ Emitter
3-Pin Mini-style QD
Q45VR2RQ Receiver
5-Pin Mini-style QD
To order the 9 m (30 ft) cable models, add the suffix "W/30" to the cabled model number. (For example: Q452E W/30.) Models with a
quick disconnect (QD) connector require a mating cable.
1 U.S. Patent no. 4356393
Q45VR2 Series Sensors
Original Document
36339 Rev. H
30 January 2017
36339


Similar Part No. - Q45VR2LPQ

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q45VR3 BANNER-Q45VR3 Datasheet
414Kb / 11P
Q45VR3 Series Sensors
Q45VR3CV BANNER-Q45VR3CV Datasheet
414Kb / 11P
Q45VR3 Series Sensors
Q45VR3CV4 BANNER-Q45VR3CV4 Datasheet
414Kb / 11P
Q45VR3 Series Sensors
Q45VR3CV4Q BANNER-Q45VR3CV4Q Datasheet
414Kb / 11P
Q45VR3 Series Sensors
Q45VR3CVQ BANNER-Q45VR3CVQ Datasheet
414Kb / 11P
Q45VR3 Series Sensors
More results

Similar Description - Q45VR2LPQ

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TM18 BANNER-TM18 Datasheet
331Kb / 8P
TM18 Series Sensors
DS18 BANNER-DS18 Datasheet
751Kb / 5P
DS18 Series Sensors
Q26 BANNER-Q26 Datasheet
653Kb / 7P
Q26 Series Sensors
VS1 BANNER-VS1 Datasheet
588Kb / 5P
VS1 Series Sensors
Q45BB6 BANNER-Q45BB6 Datasheet
731Kb / 10P
Q45BB6 Series Sensors
Q45BW13 BANNER-Q45BW13 Datasheet
325Kb / 8P
Q45BW13 Series Sensors
Q45BW22 BANNER-Q45BW22 Datasheet
627Kb / 11P
Q45BW22 Series Sensors
Q45VR3 BANNER-Q45VR3 Datasheet
414Kb / 11P
Q45VR3 Series Sensors
Q45X BANNER-Q45X Datasheet
243Kb / 6P
Q45X Series Sensors
logo
Carlo Gavazzi Holding A...
FLM CARLOGAVAZZI-FLM Datasheet
44Kb / 2P
Proximity Magnetic Sensors Flux Sensors FLM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com