Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q45VR2LPQ Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # Q45VR2LPQ
Description  Q45VR2 Series Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VR2LPQ Datasheet(HTML) 8 Page - Banner Engineering Corp.

Back Button Q45VR2LPQ Datasheet HTML 3Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 4Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 5Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 6Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 7Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 8Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 9Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 10Page - Banner Engineering Corp. Q45VR2LPQ Datasheet HTML 11Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Dimensions
Opposed, Retro, and Diffuse Sensing Modes (Model Suffix E, R, D, DL, DX, LP, and LV)
Cabled Models
Quick-Disconnect Models
54.1 mm
(2.13")
44.5 mm
(1.75")
69.0 mm
(2.72")
87.6 mm
(3.45")
Internal Thread
(1/2–14NPSM)
30.0 mm
(1.18")
ø 6.1 (0.24")
2m (6.5') Cable
7.1 mm
(0.28")
4.5 mm (#10) Screw
Clearance (2)
50.8 mm
(2.00")
6.4 mm (0.25")
Lens Centerline
Transparent Cover (Gasketed)
View: Output Load Status
Open to Access: Sensitivity (Gain)
Adjustment
External thread (M30 x 1.5)
hex nut supplied
External Thread
M30 X 1.5
Mini-style QD Connector
14 mm (0.6")
Convergent Sensor Models
(CV and CV4)
Glass Fiber Optic Models
(F and FV)
Plastic Fiber Optic Models
(FP)
61.7 mm
(2.43")
60.5 mm
(2.38")
59.9 mm
(2.36")
Q45VR2 Series Sensors
8
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 36339 Rev. H



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com