Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q45VR3LP Datasheet(PDF) 9 Page - Banner Engineering Corp.

Part # Q45VR3LP
Description  Q45VR3 Series Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VR3LP Datasheet(HTML) 9 Page - Banner Engineering Corp.

Back Button Q45VR3LP Datasheet HTML 3Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 4Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 5Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 6Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 7Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 8Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 9Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 10Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 11Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Glass Fiber Optic, Visible Red (Opposed Mode)
Glass Fiber Optic, Visible Red (Diffuse Mode)
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
1
10
100
10 mm
0.4 in
100 mm
4 in
1000 mm
40 in
1.0 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45FV
Opposed Mode
IT23S Fibers
IT13S Fibers
300 mm
12 in
250 mm
10 in
200 mm
8 in
150 mm
6 in
100 mm
4 in
0
0
10 mm
20 mm
30 mm
10 mm
20 mm
30 mm
0
0.4 in
0.8 in
1.2 in
0.4 in
0.8 in
1.2 in
DISTANCE
Q45FV
Opposed Mode
IT23S Fibers
IT13S Fibers
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45FV
Diffuse Mode
BT23S Fiber
BT13S
Fiber
25 mm
1.0 in
20 mm
0.8 in
15 mm
0.6 in
10 mm
0.4 in
5 mm
0.2 in
0
0
1.0 mm
2.0 mm
3.0 mm
1.0 mm
2.0 mm
3.0 mm
0
0.04 in
0.08 in
0.12 in
0.04 in
0.08 in
0.12 in
DISTANCE
Q45FV
Diffuse Mode
BT23S Fiber
BT13S Fiber
Plastic fiber optic Diffuse mode performance curves are based on a 90% reflectance white test card.
Plastic Fiber Optic (Opposed Mode)
Plastic Fiber Optic (Diffuse Mode)
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45FP
Opposed Mode
PIT46U Fibers
PIT26U Fibers
125 mm
5.0 in
100 mm
4.0 in
75 mm
3.0 in
50 mm
2.0 in
25 mm
1.0 in
0
0
15 mm
30 mm
45 mm
15 mm
30 mm
45 mm
0
0.6 in
1.2 in
1.8 in
0.6 in
1.2 in
1.8 in
DISTANCE
Q45FP
Opposed Mode
PIT46U Fibers
PIT26U Fibers
1
10
100
1 mm
0.04 in
10 mm
0.4 in
100 mm
4 in
0.1 mm
0.004 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Q45FP
Diffuse Mode
PBT46U Fiber
PBT26U Fiber
50 mm
2.0 in
40 mm
1.6 in
30 mm
1.2 in
20 mm
0.8 in
10 mm
0.4 in
0
0
6 mm
12 mm
18 mm
6 mm
12 mm
18 mm
0
0.25 in
0.50 in
0.75 in
0.25 in
0.50 in
0.75 in
DISTANCE
Q45FP
Diffuse Mode
PBT46U Fiber
Accessories
Cor
dsets
3-Pin Mini-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
MBCC-306
1.83 m (6.5 ft)
Straight
7/8-16UN-2B
ø 25.5
52 Typ.
2
3
1
1 = Black
2 = Brown
3 = Blue
MBCC-312
3.66 m (12 ft)
MBCC-330
9.14 m (30 ft)
5-Pin Mini-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
MBCC-506
1.83 m (6 ft)
Straight
7/8-16UN-2B
ø 25.5
52 Typ.
1
2
4
3
5
1 = Black
2 = Blue
3 = Yellow
4 = Brown
5 = White
MBCC-512
3.66 m (12 ft)
MBCC-530
9.14 m (30 ft)
Q45VR3 Series Sensors
P/N 53997 Rev. D
www.bannerengineering.com - Tel: +1-763-544-3164
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com