Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q45VR3LP Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # Q45VR3LP
Description  Q45VR3 Series Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VR3LP Datasheet(HTML) 2 Page - Banner Engineering Corp.

  Q45VR3LP Datasheet HTML 1Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 2Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 3Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 4Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 5Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 6Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 7Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 8Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Non-Polarized
Models
Range
Cable
Supply Voltage
Output Type
Q45VR3LV
0.08 to 9 m (3 in to 30 ft)
5-wire 2 m (6.5 ft) cable
Universal 12 to 250 V dc or
24 to 250 V ac
SPDT Electro-mechanical
relay
Q45VR3LVQ
5-Pin Mini-style QD
Polarized
Models
Range
Cable
Supply Voltage
Output Type
Q45VR3LP
0.15 to 6 m (6 in to 20 ft)
5-wire 2 m (6.5 ft) cable
Universal 12 to 250 V dc or
24 to 250 V ac
SPDT Electro-mechanical
relay
Q45VR3LPQ
5-Pin Mini-style QD
Diffuse-Mode Models
These diffuse-mode models detect objects by sensing the reflection of their own emitted light. Ideal for use when the
reflectivity and profile of the object to be sensed are sufficient to return a large percentage of emitted light back to
the sensor. Model Q45VR3DX is the first choice for diffuse-mode applications when there are no background objects
to falsely return light.
DIFFUSE
Infrared, 880 nm
Short Range
Models
Range
Cable
Supply Voltage
Output Type
Q45VR3D
45 cm (18 inches)
5-wire 2 m (6.5 ft) cable
Universal 12 to 250 V dc or
24 to 250 V ac
SPDT Electro-mechanical
relay
Q45VR3DQ
5-Pin Mini-style QD
Long Range
Models
Range
Cable
Supply Voltage
Output Type
Q45VR3DL
1.8 m (6 ft)
5-wire 2 m (6.5 ft) cable
Universal 12 to 250 V dc or
24 to 250 V ac
SPDT Electro-mechanical
relay
Q45VR3DLQ
5-Pin Mini-style QD
High Power
Models
Range
Cable
Supply Voltage
Output Type
Q45VR3DX
3 m (10 ft)
5-wire 2 m (6.5 ft) cable
Universal 12 to 250 V dc or
24 to 250 V ac
SPDT Electro-mechanical
relay
Q45VR3DXQ
5-Pin Mini-style QD
Convergent-Mode Models
These sensors are ideal for reflective sensing of very small parts or profiles, and can accurately sense the position of
parts approaching from the side. Ignores all but highly reflective objects that are outside the sensing range.
CONVERGENT
Visible red, 680 nm
Models
Focus
Cable
Supply Voltage
Output Type
Q45VR3CV
38 mm (1.5 in)
Spot Size at Focus: 1.3
mm (0.05 in)
5-wire 2 m (6.5 ft)
cable
Universal 12 to 250 V dc or 24 to 250 V
ac
SPDT Electro-mechanical relay
Q45VR3CVQ
5-Pin Mini-style QD
Q45VR3CV4
100 mm (4 in)
Spot Size at Focus: 1.5
mm (0.06 in)
5-wire 2 m (6.5 ft)
cable
Universal 12 to 250 V dc or 24 to 250 V
ac
SPDT Electro-mechanical relay
Q45VR3CV4Q
5-Pin Mini-style QD
Q45VR3 Series Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 53997 Rev. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com