Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q45VR3LP Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # Q45VR3LP
Description  Q45VR3 Series Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q45VR3LP Datasheet(HTML) 3 Page - Banner Engineering Corp.

  Q45VR3LP Datasheet HTML 1Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 2Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 3Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 4Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 5Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 6Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 7Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 8Page - Banner Engineering Corp. Q45VR3LP Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Glass Fiber Optic Models
These models are an excellent choice for glass fiber optic applications where faster sensor response is not important.
Their high excess gain means that opposed individual fibers can operate reliably in many very hostile environments.
Also, special miniature bifurcated fiber optic assemblies with bundle sizes as small as 0.5 mm (.020 in) diameter may be
used successfully for diffuse-mode sensing when using sensor model Q45VR3F(Q). For more information on compatible
glass fiber optics, go to www.bannerengineering.com.
GLASS FIBER
Infrared, 880 nm and
Visible red, 650 nm
Infrared, 880 nm
Models
Range
Cable
Supply Voltage
Output Type
Q45VR3F
Range varies by sensing
mode and fiber optics used.
5-wire 2 m (6.5 ft) cable
Universal 12 to 250 V dc or
24 to 250 V ac
SPDT Electro-mechanical
relay
Q45VR3FQ
5-Pin Mini-style QD
Visible Red, 650 nm
Models
Range
Cable
Supply Voltage
Output Type
Q45VR3FV
Range varies by sensing
mode and fiber optics used.
5-wire 2 m (6.5 ft) cable
Universal 12 to 250 V dc or
24 to 250 V ac
SPDT Electro-mechanical
relay
Q45VR3FVQ
5-Pin Mini-style QD
Plastic Fiber Optic Models
Lower in cost than glass fiber optics, plastic fiber optics are ideal for use in situations where environmental conditions
allow (for example, low levels of acids, alkalis, and solvents). Most are easily cut to length in the field, and are available
in a variety of sensing end styles. For more information on compatible plastic fiber optics, go to
www.bannerengineering.com.
PLASTIC FIBER
Visible red, 660 nm
Models
Range
Cable
Supply Voltage
Output Type
Q45VR3FP
Range varies by sensing
mode and fiber optics used.
5-wire 2 m (6.5 ft) cable
Universal 12 to 250 V dc or
24 to 250 V ac
SPDT Electro-mechanical
relay
Q45VR3FPQ
5-Pin Mini-style QD
Overview
Status indicator LEDs for power, signal, and output are clearly visible beneath a raised dome in the sensor’s transparent o-ring-sealed
polycarbonate cover. Also located beneath the sensor’s o-ring-sealed cover are controls for light/dark operate selection and the
sensitivity adjustment.
• The power indicator (green) lights when power is applied to the sensor.
• The signal indicator (red) lights when the sensor sees its modulated light source and pulses at a rate proportional to the
strength of the received light signal; this is the AID™ Alignment Indicating Device2.
• The output indicator (amber) lights when the sensor’s output is conducting. This indicator is especially useful when a timing
logic module is used and signal and output conditions are not concurrent.
1
3
4
5
6
2
1. Sensitivity adjustment
2. LEDs
•
Green LED: Power on indicator
•
Red LED: Signal indicator
•
Amber LED: Output status indicator
3. Optional LED signal strength display
4. Optional timing adjustment
5. Optional timing adjustment
6. Light/dark operate switch
2 US patent no. 4356393
Q45VR3 Series Sensors
P/N 53997 Rev. D
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com