Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2L02AL Datasheet(PDF) 14 Page - STMicroelectronics

Part # LIS2L02AL
Description  MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2L02AL Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LIS2L02AL Datasheet HTML 9Page - STMicroelectronics LIS2L02AL Datasheet HTML 10Page - STMicroelectronics LIS2L02AL Datasheet HTML 11Page - STMicroelectronics LIS2L02AL Datasheet HTML 12Page - STMicroelectronics LIS2L02AL Datasheet HTML 13Page - STMicroelectronics LIS2L02AL Datasheet HTML 14Page - STMicroelectronics LIS2L02AL Datasheet HTML 15Page - STMicroelectronics LIS2L02AL Datasheet HTML 16Page - STMicroelectronics LIS2L02AL Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
5 Typical performance characteristics
LIS2L02AL
14/17
CD00068420
5.3
Electrical characteristics at 25°C
Figure 13. Noise density at 3.3V (x,y axis)
Figure 14. Current consumption at 3.3V
18
20
22
24
26
28
30
32
0
5
10
15
20
25
30
35
Noise density (ug/sqrt(Hz))
0.4
0.6
0.8
1
1.2
1.4
0
2
4
6
8
10
12
14
16
18
20
current consumption (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com