Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2L02AL Datasheet(PDF) 15 Page - STMicroelectronics

Part # LIS2L02AL
Description  MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2L02AL Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LIS2L02AL Datasheet HTML 9Page - STMicroelectronics LIS2L02AL Datasheet HTML 10Page - STMicroelectronics LIS2L02AL Datasheet HTML 11Page - STMicroelectronics LIS2L02AL Datasheet HTML 12Page - STMicroelectronics LIS2L02AL Datasheet HTML 13Page - STMicroelectronics LIS2L02AL Datasheet HTML 14Page - STMicroelectronics LIS2L02AL Datasheet HTML 15Page - STMicroelectronics LIS2L02AL Datasheet HTML 16Page - STMicroelectronics LIS2L02AL Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
LIS2L02AL
6 Package Information
CD00068420
15/17
6
Package Information
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages.
These packages have a Lead-free second level interconnect. The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 15. LGA-8 Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A1
1.460
1.520
1.600 0.0574 0.0598 0.0629
A2
1.330
0.0523
A3
0.180
0.220
0.260
0.007 0.0086 0.0102
D1
4.850
5.000
5.150
0.190 0.1968 0.2027
E1
4.850
5.000
5.150
0.190 0.1968 0.2027
L
1.270
0.05
L1
2.540
0.1
M
1.225
0.0482
M1
0.875
0.900
0.925 0.0344 0.0354 0.0364
N
2.000
0.0787
N1
1.225
0.0482
N2
1.170
0.046
P1
1.300
1.350
1.400 0.0511 0.0531 0.0551
P2
0.740
0.790
0.840 0.0291 0.0311 0.033
T1
1.170
0.046
T2
0.615
0.640
0.665 0.0242 0.0251 0.0261
R
1.200
1.600 0.0472
0.0629
h
0.150
0.0059
k
0.050
0.0019
j
0.100
0.0039
LGA8 (5x5x1.6mm)
Land Grid Array Package
7669231 C
P1
DETAIL A
E
E1
(4x)
D
K
E
K
Detail A
D
E
4
3
2
1
A1
A2
A3
R
seating plane
5
6
7
8
M1
T1
M
hA
C
B
j
A
C
B
SOLDER MASK
OPENING
METAL PAD
B
A
K
K
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com