Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2L02AL Datasheet(PDF) 5 Page - STMicroelectronics

Part # LIS2L02AL
Description  MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2L02AL Datasheet(HTML) 5 Page - STMicroelectronics

  LIS2L02AL Datasheet HTML 1Page - STMicroelectronics LIS2L02AL Datasheet HTML 2Page - STMicroelectronics LIS2L02AL Datasheet HTML 3Page - STMicroelectronics LIS2L02AL Datasheet HTML 4Page - STMicroelectronics LIS2L02AL Datasheet HTML 5Page - STMicroelectronics LIS2L02AL Datasheet HTML 6Page - STMicroelectronics LIS2L02AL Datasheet HTML 7Page - STMicroelectronics LIS2L02AL Datasheet HTML 8Page - STMicroelectronics LIS2L02AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LIS2L02AL
2 Mechanical and Electrical Specifications
CD00068420
5/17
2
Mechanical and Electrical Specifications
2.1
Mechanical Characteristics
Table 2.
Mechanical Characteristics1
(Temperature range -40°C to +85°C) All the parameters are specified @ Vdd =3.3V,
T = 25°C unless otherwise noted.
Note: 1 The product is factory calibrated at 3.3V. The device can be powered from 2.4V to 5.25V. Voff,
So and Vt parameters will vary with supply voltage.
2 Typical specifications are not guaranteed
3 Guaranteed by wafer level test and measurement of initial offset and sensitivity
4 Zero-g level and sensitivity are essentially ratiometric to supply voltage
5 Guaranteed by design
Symbol
Parameter
Test Condition
Min.
Typ.2
Max.
Unit
Ar
Acceleration Range3
±1.8
±2.0
g
So
Sensitivity4
Full-scale = 2g
Vdd/5–10%
Vdd/5
Vdd/5+10%
V/g
SoDr
Sensitivity Change Vs
Temperature
Delta from +25°C
±0.01
%/°C
Voff
Zero-g Level4
T = 25°C
Vdd/2-6%
Vdd/2
Vdd/2+6%
V
OffDr
Zero-g level Change Vs
Temperature
Delta from +25°C
±0.2
mg/°C
NL
Non Linearity5
Best fit straight line
Full-scale = 2g
X, Y axis
±0.3
±1.5
%
CrossAx Cross-Axis6
±2
±4%
An
Acceleration Noise
Density
Vdd=3.3V;
Full-scale = 2g
30
µg/
Vt
Self test Output Voltage
Change7,8
T = 25°C
Vdd=3.3V
Full-scale = 2g
X axis
-20
-50
-100
mV
T = 25°C
Vdd=3.3V
Full-scale = 2g
Y axis
20
50
100
mV
Fres
Sensing Element
Resonance Frequency9
all axes
2.0
kHz
Top
Operating Temperature
Range
-40
+85
°C
Wh
Product Weight
0.08
gram
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com