Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECS10M7GA00-R0 Datasheet(PDF) 47 Page - Murata Manufacturing Co., Ltd.

Part # SFECS10M7GA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECS10M7GA00-R0 Datasheet(HTML) 47 Page - Murata Manufacturing Co., Ltd.

Back Button SFECS10M7GA00-R0 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
46
13
s CDALA10M7GA001-B0
Test Circuit
1
µ
0.01
µ
280
AFC
CX20029
Vcc=+3.0V
Unit
R :
Ω
C : F
S.S.G.
REF
AF OUTPUT
+
–
5
33
28
9
39
32
Frequency Characteristics
0.1
1
10
1
10
100
500
10.6
10.5
10.7
10.8
10.9
11.0
10.4
Frequency (MHz)
Input Level
Mod. Freq.
Freq.Dev.
110dB
µ
400Hz
±22.5kHz
Input signal conditions
Distortion
AF Output
s CDALA10M7GA016-B0
Test Circuit
VCC +3V
DC Out AF Out
CDACV10M7GA016
SFELA10M7DF00
IF in
TA8122F (TOSHIBA)
+
+
1
2
3
4
5
6
7
8
9
10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
Unit
R :
Ω
C : F
Frequency Characteristics
0.1
1
10
1
10
100
500
10.6
10.5
10.7
10.8
10.9
11.0
10.4
Frequency (MHz)
80dB
µ
1000Hz
±22.5kHz
Distortion
AF Output
Input Level
Mod. Freq.
Freq.Dev.
Input signal conditions
s CDALA10M7GA018-B0
Test Circuit
24 23 22 21 20 19 18 17 16 15 14 13
1
2
3
4
5
6
7
8
9
10 11 12
TA8132N (TOSHIBA)
1F in
Vcc 3V
DC out
AF out
SFELA10M7DF00
2.2
µ
0.033
µ
22
µ
0.022
µ
330p
Vcc 3V
Unit
R :
Ω
C : F
+
+
Frequency Characteristics
Frequency ( MHz )
1
10
100
1000
0.1
1
10
100
10.4
10.5
10.6
10.7
10.8
10.9
11.0
Input Level
80 dB
µ
Mod. Freq. 1000 Hz
Freq. Dev.
±22.5 kHz
Distortion
AF Output
Input signal conditions
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com