Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECS10M7GA00-R0 Datasheet(PDF) 27 Page - Murata Manufacturing Co., Ltd.

Part # SFECS10M7GA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECS10M7GA00-R0 Datasheet(HTML) 27 Page - Murata Manufacturing Co., Ltd.

Back Button SFECS10M7GA00-R0 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
26
8
s Center Frequency Rank Code
CODE
D
B
A
C
E
Z
M
30kHz Step
10.64MHz
±30kHz
10.67MHz
±30kHz
10.70MHz
±30kHz
10.73MHz
±30kHz
10.76MHz
±30kHz
25kHz Step
10.650MHz
±25kHz
10.675MHz
±25kHz
10.700MHz
±25kHz
10.725MHz
±25kHz
10.750MHz
±25kHz
Combination A,B,C,D,E
Combination A,B,C
s Frequency Characteristics
SFKLA10M7NF00-B0
10
0
10.600
10.650
10.700
10.750
10.800
Frequency ( kHz )
SFVLA10M7MF00-B0
10.620
10.660
10.700
10.740
10.780
0
19.0
Frequency (MHz)
1
18.0
2
17.0
3
16.0
4
15.0
5
14.0
6
13.0
7
12.0
SFVLA10M7LF00-B0
10.620
10.660
10.700
10.740
10.780
0
13.0
Frequency (MHz)
1
12.0
2
11.0
3
10.0
4
9.00
5
8.00
6
7.00
7
6.00
SFELA10M7LFTA01-B0
0
6.50
7.00
7.50
8.00
8.50
9.00
9.50
10.00
1
2
3
4
5
6
7
8
9
10.580
10.640
10.700
Frequency (MHz)
10.760
10.820
11.00
10.50
SFELA10M7KAH0-B0
8.00
7.50
7.00
6.50
6.00
5.50
5.00
4.50
0
1
2
3
4
5
6
7
10.620
10.660
10.700
10.740
10.780
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com