Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECS10M7GA00-R0 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # SFECS10M7GA00-R0
Description  Ceramic Filters (CERAFIL) for FM Receivers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECS10M7GA00-R0 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button SFECS10M7GA00-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. SFECS10M7GA00-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
P61E7.pdf 01.10.17
15
4
s Center Frequency Rank Code
CODE
D
B
A
C
E
Z
M
30kHz Step
10.64MHz
±30kHz
10.67MHz
±30kHz
10.70MHz
±30kHz
10.73MHz
±30kHz
10.76MHz
±30kHz
25kHz Step
10.650MHz
±25kHz
10.675MHz
±25kHz
10.700MHz
±25kHz
10.725MHz
±25kHz
10.750MHz
±25kHz
Combination A,B,C,D,E
Combination A,B,C
s Frequency Characteristics
SFELA10M7JAA0-B0
10.500
10.600
10.700
10.800
10.900
0
7.50
Frequency (MHz)
1
7.00
2
6.50
3
6.00
4
5.50
5
5.00
6
4.50
7
4.00
SFELA10M7HAA0-B0
0
1
2
3
4
5
6
7
10.500
10.600
10.700
10.800
10.900
6.50
6.00
5.50
5.00
4.50
4.00
3.50
3.00
Frequency (MHz)
SFELA10M7GAA0-B0
Frequency (MHz)
0
10.500
10.600
10.700
10.800
10.900
6.50
1
6.00
2
5.50
3
5.00
4
4.50
5
4.00
6
3.50
7
3.00
SFELA10M7FAA0-B0
Frequency (MHz)
0
5.50
1
5.00
2
4.50
10.600
10.500
10.700
10.800
10.900
3
4.00
4
3.50
5
3.00
6
2.50
7
2.00
s Frequency Characteristics (Spurious)
SFELA10M7JAA0-B0
0
8.700
9.700
10.700
11.700
12.700
Frequency (MHz)
10
20
30
40
50
60
70
SFELA10M7HAA0-B0
0
8.700
9.700
10.700
11.700
12.700
Frequency (MHz)
10
20
30
40
50
60
70
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com