Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3904LP Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # 2N3904LP
Description  General Purpose Transistors NPN Silicon
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N3904LP Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  2N3904LP Datasheet HTML 1Page - First Silicon Co., Ltd 2N3904LP Datasheet HTML 2Page - First Silicon Co., Ltd 2N3904LP Datasheet HTML 3Page - First Silicon Co., Ltd 2N3904LP Datasheet HTML 4Page - First Silicon Co., Ltd 2N3904LP Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2016. 12. 18
5/5
2N3904LP
Revision No : 0
7.OUTLINE AND DIMENSIONS
Notes:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH. MINIMUM LEAD THICKNESS IS THE MINIMUM
THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
8.SOLDERING FOOTPRINT
DIM
MILLIMETERS
INCHES
MIN NOM MAX MIN NOM MAX
A
0.43
0.48
0.53 0.017 0.019 0.021
A1 0.00
---
0.05 0.000
--- 0.002
b
0.10
0.15
0.2 0.004 0.006 0.008
D
0.95
1
1.05 0.037 0.039 0.041
D2
e
0.64REF
0.025REF
0.34REF
0.013REF
E
0.50
0.6
0.65 0.020 0.024 0.026
L1 0.22
0.27
0.32 0.009 0.011 0.013
E2 0.44
0.49
0.54 0.017 0.019 0.021
L
0.19
0.24
0.29 0.007 0.009 0.011



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com