Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3904LP Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # 2N3904LP
Description  General Purpose Transistors NPN Silicon
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N3904LP Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  2N3904LP Datasheet HTML 1Page - First Silicon Co., Ltd 2N3904LP Datasheet HTML 2Page - First Silicon Co., Ltd 2N3904LP Datasheet HTML 3Page - First Silicon Co., Ltd 2N3904LP Datasheet HTML 4Page - First Silicon Co., Ltd 2N3904LP Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2016. 12. 18
1/5
SEMICONDUCTOR
TECHNICAL DATA
2N3904LP
Revision No : 0
1. FEATURES
●
We declare that the material of product compliance with
RoHS requirements and Halogen Free.
2. DEVICE MARKING AND ORDERING INFORMATION
3. MAXIMUM RATINGS(Ta = 25ºC)
4. THERMAL CHARACTERISTICS
Total Device Dissipation,
FR−5 Board (Note 1) @ TA = 25ºC
mW
Derate above 25ºC
mW/ºC
Thermal Resistance,
ºC/W
Junction–to–Ambient(Note 1)
Junction and Storage temperature
ºC
1. FR–5 = 1.0×0.75×0.062 in.
Parameter
Symbol
Limits
General Purpose Transistors NPN Silicon
Device
Marking
Shipping
2N3904LP
1A
10000/Tape&Reel
Unit
Collector–Emitter Voltage
VCEO
40
Vdc
Collector–Base Voltage
VCBO
60
Vdc
250
Parameter
Symbol
Limits
Unit
2
500
Emitter–Base Voltage
VEBO
6
Vdc
Collector Current — Continuous
IC
200
mAdc
PD
RΘJA
−55∼+150
TJ,Tstg
SOT-883
1 BASE
2 EMITTER
3 COLLECTOR


Similar Part No. - 2N3904LP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N3904L-T92-B UTC-2N3904L-T92-B Datasheet
47Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
2N3904L-T92-B UTC-2N3904L-T92-B Datasheet
140Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
2N3904L-T92-B UTC-2N3904L-T92-B Datasheet
219Kb / 4P
NPN GENERAL PURPOSE AMPLIFIER
2N3904L-T92-K UTC-2N3904L-T92-K Datasheet
47Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
2N3904L-T92-K UTC-2N3904L-T92-K Datasheet
140Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
More results

Similar Description - 2N3904LP

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
General Purpose Transistors(NPN Silicon)
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
General Purpose Transistors NPN Silicon
logo
Shanghai Leiditech Elec...
LBC848BWT1G LEIDITECH-LBC848BWT1G Datasheet
1,012Kb / 9P
General Purpose Transistors NPN Silicon
LH8050PLTIG LEIDITECH-LH8050PLTIG Datasheet
482Kb / 4P
General Purpose Transistors NPN Silicon
LMBT2222AL LEIDITECH-LMBT2222AL Datasheet
906Kb / 6P
General Purpose Transistors NPN Silicon
logo
AiT Semiconductor Inc.
MBT6427 AITSEMI-MBT6427 Datasheet
945Kb / 8P
GENERAL PURPOSE TRANSISTORS NPN SILICON
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com