Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3904LP Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # 2N3904LP
Description  General Purpose Transistors NPN Silicon
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N3904LP Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  2N3904LP Datasheet HTML 1Page - First Silicon Co., Ltd 2N3904LP Datasheet HTML 2Page - First Silicon Co., Ltd 2N3904LP Datasheet HTML 3Page - First Silicon Co., Ltd 2N3904LP Datasheet HTML 4Page - First Silicon Co., Ltd 2N3904LP Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2016. 12. 18
3/5
2N3904LP
Revision No : 0
ELECTRICAL CHARACTERISTICS CURVES
DC Current Gain
VCE(sat) vs. IC
1
10
0.01
0.1
1
10
100
VR.Verse Voltage(V)
Cobo
Cibo
Capacitance
0
100
200
300
400
0.1
1.0
10.0
100.0
IC,Collector Current (mA)
150℃
25℃
-55℃
0.0
0.5
1.0
1.5
2.0
2.5
0.001
0.01
0.1
1
IC, Collector Current(A)
IC/IB=10
150℃
25℃
-55℃
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.0001
0.001
0.01
0.1
1
IC, Collector Current(A)
IC/IB=10
150℃
25℃
-55℃
VBE(sat) vs. IC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com