Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM3232AS Datasheet(PDF) 4 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM3232AS
Description  OPERATION INSTRUCTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM3232AS Datasheet(HTML) 4 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM3232AS Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.corebai.com
CBM3232AS
OPERATION INSTRUCTION
ELECTRICAL CHARACTERISTICS
(C1 - C4 = 0.1µF, VCC = 3.3V to 5.5V, TA = -40℃ to 85℃, unless otherwise specified.
Typical values are referred to TA = 25℃)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISUPPLY
VCC Power Supply Current
No Load VCC=3.3V ±10% TA=25℃
2.5
5
mA
No Load VCC=5V ±10% TA=25℃
6
10
mA
LOGIC INPUT ELECTRICAL CHARACTERISTICS
(C1 - C4 = 0.1µF, VCC = 3.3V to 5.5V, TA = -40℃ to 85℃, unless otherwise specified.
Typical values are referred to TA = 25℃)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTIL
Input Logic Threshold Low
T-IN (Note 1)
8
V
VTIH
Input Logic Threshold High
VCC = 3.3V
2
V
VCC = 5V
2.4
V
IIL
Input Leakage Current
T-IN
± 0.01
± 1
µA
Note1: Transmitter input hysteresis is typically 250mV
TRANSMITTER ELECTRICAL CHARACTERISTICS
(C1 - C4 = 0.1µF tested at VCC = 3.3V to 5.5V, TA = -40℃ to 85℃, unless otherwise specified.
Typical values are referred to TA = 25℃)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTOUT
Output Voltage Swing
All Transmitter
outputs are loaded
with 3KΩ to GND
VCC = 5.0V
± 5
± 5.4
V
VCC = 3.3V
± 3.5
± 4.0
RTOUT
Transmitter Output
Resistance
VCC = V+ = V- = 0V
VOUT=±2V
300
10M
Ω
ITSC
Output Short Circuit
Current
VCC = 3.3V to 5V
VOUT=0V
± 60
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com