Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM3232AS Datasheet(PDF) 8 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM3232AS
Description  OPERATION INSTRUCTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM3232AS Datasheet(HTML) 8 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Back Button CBM3232AS Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 10Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 11Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 12Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
www.corebai.com
CBM3232AS
OPERATION INSTRUCTION
ESD PROTECTION
The CBM3232 incorporates ruggedized ESD cells on all driver output and receiver input pins.
The ESD structure is for rugged applications and environments sensitive to electro-static
discharges and associated transients. The ESD tolerance is at least ±15kV without damage or
latch-up.
There are different methods of ESD testing applied:
a) MIL-STD-883, Method 3015.7
b) IEC1000-4-2 Air-Discharge
The Human Body Model has been the generally accepted ESD testing method for
semiconductors. This method is also specified in MIL-STD- 883, Method 3015.7 for ESD testing.
The premise of this ESD testi s to simulate the human body’s potential to store electro-static
energy and discharge it to an integrated circuit. The simulation is performed by using a test
model as shown in Figure 1. This method will test the IC’s capability to withstand an ESD
transient during normal handling such as in manufacturing areas where the IC’s tend to be
handled frequently.
The IEC-1000-4-2, formerly IEC801-2, is generally used for testing ESD on equipment and
systems. For system manufacturers, they must guarantee a certain amount of ESD protection
since the system itself is exposed to the outside environment and human presence. The premise
with IEC1000-4-2 is that the system
is required to withstand an amount of static electricity
when ESD is applied to points and surfaces of the equipment that are accessible to personnel
during normal usage. The transceiver IC receives most of the ESD current when the ESD source
is applied to the connector pins. The test circuit for IEC1000-4-2 is shown on Figure 2. There are
two methods within IEC1000-4-2, the Air Discharge method and the Contact Discharge method.
With the Air Discharge Method, an ESD voltage is applied to the equipment under test (EUT)
through air. This simulates an electrically charged person ready to connect a cable onto the rear
of the system only to find an unpleasant zap just before the person touches the back panel. The
high energy potential on the person discharges through an arcing path to the rear panel of the
system before he or she even touches the system. This energy, whether discharged directly or
through air, is predominantly a function of the discharge current rather than the discharge
voltage. Variables with an air discharge such as approach speed of the object carrying the ESD
potential to the system and humidity will tend to change the discharge current. For example, the
rise time of the discharge current varies with the approach speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com